Electronic Components Datasheet Search
  English  ▼

X  

SH7017 Datasheet(PDF) 360 Page - Renesas Technology Corp

Part # SH7017
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7017 Datasheet(HTML) 360 Page - Renesas Technology Corp

Back Button SH7017 Datasheet HTML 356Page - Renesas Technology Corp SH7017 Datasheet HTML 357Page - Renesas Technology Corp SH7017 Datasheet HTML 358Page - Renesas Technology Corp SH7017 Datasheet HTML 359Page - Renesas Technology Corp SH7017 Datasheet HTML 360Page - Renesas Technology Corp SH7017 Datasheet HTML 361Page - Renesas Technology Corp SH7017 Datasheet HTML 362Page - Renesas Technology Corp SH7017 Datasheet HTML 363Page - Renesas Technology Corp SH7017 Datasheet HTML 364Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 360 / 754 page
background image
12. Serial Communication Interface (SCI)
Rev.5.00 Sep. 27, 2007 Page 326 of 716
REJ09B0398-0500
φ (MHz)
16
20
24
28
Bit Rate
(Bits/s)
n
N
n
N
n
N
n
N
110
250
3
249
500
3
124
3
155
3
187
3
218
1k
2
249
3
77
3
93
3
108
2.5k
2
99
2
124
2
149
2
174
5k
1
199
1
249
2
74
2
87
10k
1
99
1
124
1
149
1
174
25k
0
159
0
199
0
239
1
69
50k
0
79
0
99
0
119
0
139
100k
0
39
0
49
0
59
0
69
250k
0
15
0
19
0
23
0
27
500k
0
7
0
9
0
11
0
13
1M
0
3
0
4
0
5
0
6
2.5M
⎯
⎯
0
1
⎯
⎯
0
2
5M
0
0*
⎯
⎯
0
1
7M
⎯
⎯
0
0*
Legend:
Blank: No setting available
⎯:
Setting possible, but error occurs
Notes: Settings with an error of 1
% or less are recommended.
*
Continuous transmission/reception is not possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com