Electronic Components Datasheet Search
  English  ▼

X  

SH7017 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # SH7017
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7017 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button SH7017 Datasheet HTML 6Page - Renesas Technology Corp SH7017 Datasheet HTML 7Page - Renesas Technology Corp SH7017 Datasheet HTML 8Page - Renesas Technology Corp SH7017 Datasheet HTML 9Page - Renesas Technology Corp SH7017 Datasheet HTML 10Page - Renesas Technology Corp SH7017 Datasheet HTML 11Page - Renesas Technology Corp SH7017 Datasheet HTML 12Page - Renesas Technology Corp SH7017 Datasheet HTML 13Page - Renesas Technology Corp SH7017 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 754 page
background image
Rev.5.00 Sep. 27, 2007 Page x of xxxiv
REJ09B0398-0500
Item
Page
Revision (See Manual for Details)
9.3.6 DMA Transfer
Ending Conditions
Conditions for Ending All
Channels
Simultaneously:
187
Description amended
When the processing of a one unit transfer is complete. In a
dual address mode direct address transfer, even if an address
error occurs or the NMI flag is set during read processing, the
transfer will not be halted until after completion of the following
write processing. In such a case, SAR, DAR, and DMATCR
values are updated.
9.4.2 Example of DMA
Transfer between
External RAM and
External Device with
DACK
189
Description amended
In this example, an external request, single address mode
transfer with external memory as the transfer source and an
external device with DACK as the transfer destination is
executed using DMAC channel 1.
10.1.1 Features
191
Description amended
⎯ PWM mode: PWM output can be provided with any duty
cycle. When combined with the counter synchronizing
function, up to seven-phase PWM output is enabled
(with channels 0 to 2 set to PWM mode 2 and channel 0
synchronized with the TGR0A register (channels 0 to 2
phase output: 3, 2, 2)).
10.1.4 Register
Configuration
Table 10.3 Register
Configuration
198
Notes amended
Notes: Do not access empty addresses.
1. 16-bit registers (TCNT, TGR) cannot be read or
written in 8-bit units.
2. Write 0 to clear flags.
10.2.4 Timer Interrupt
Enable Register (TIER)
Bit 5—Underflow
Interrupt Enable
(TCIEU)
215
Description amended
This bit is reserved for channel 0. It always reads as 0. The
write value should always be 0.
Bit 3—TGR Interrupt
Enable D (TGIED):
216
Description amended
This bit is reserved for channels 1 and 2. It always reads as 0.
The write value should always be 0.
Bit 2—TGR Interrupt
Enable C (TGIEC):
Description amended
This bit is reserved for channels 1 and 2. It always reads as 0.
The write value should always be 0.
10.2.5 Timer Status
Register (TSR)
217
Description amended
The timer status register (TSR) is an 8-bit register that indicates
the status of each channel. The MTU has three TSR registers,
one each for channel. TSR is initialized to H'C0 by a power-on
reset or by standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com