Electronic Components Datasheet Search
  English  ▼

X  

SH7017 Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # SH7017
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7017 Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button SH7017 Datasheet HTML 33Page - Renesas Technology Corp SH7017 Datasheet HTML 34Page - Renesas Technology Corp SH7017 Datasheet HTML 35Page - Renesas Technology Corp SH7017 Datasheet HTML 36Page - Renesas Technology Corp SH7017 Datasheet HTML 37Page - Renesas Technology Corp SH7017 Datasheet HTML 38Page - Renesas Technology Corp SH7017 Datasheet HTML 39Page - Renesas Technology Corp SH7017 Datasheet HTML 40Page - Renesas Technology Corp SH7017 Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 754 page
background image
1. SH7014/16/17 Overview
Rev.5.00 Sep. 27, 2007 Page 3 of 716
REJ09B0398-0500
• DRAM burst access function
⎯ Supports high-speed access mode for DRAM
• DRAM refresh function
⎯ Programmable refresh interval
⎯ Supports CAS-before-RAS refresh and self-refresh modes
• Wait cycles can be inserted using an external WAIT signal
• Address data multiplex I/O devices can be accessed
Note:
No bus release
Direct Memory Access Controller (DMAC) (2 Channels):
• Supports cycle-steal and burst transfers
• Supports single address mode and dual address mode transfers
• Priority order: fixed at channel 0 > channel 1
• Transfer counter: 16 bits
• Transfer request sources: external DREQ input, auto-request, and on-chip supporting modules
• Address space: 4 Gbytes
• Choice of 8-, 16-, or 32-bit transfer data size
Multifunction Timer/Pulse Unit (MTU) (3 Channels):
• Maximum 8 types of waveform output or maximum 16 types of pulse I/O processing possible
based on 16-bit timer, 3 channels
• 8 dual-use output compare/input capture registers
• 8 independent comparators
• 8 types of counter input clock
• Input capture function
• Pulse output mode
⎯ One shot, toggle, PWM
• Phase calculation mode
⎯ 2-phase encoder calculation processing
Compare Match Timer (CMT) (Two Channels):
• 16-bit free-running counter
• One compare register
• Generates an interrupt request upon compare match



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com