Electronic Components Datasheet Search
  English  ▼

X  

SH7017 Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # SH7017
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7017 Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button SH7017 Datasheet HTML 34Page - Renesas Technology Corp SH7017 Datasheet HTML 35Page - Renesas Technology Corp SH7017 Datasheet HTML 36Page - Renesas Technology Corp SH7017 Datasheet HTML 37Page - Renesas Technology Corp SH7017 Datasheet HTML 38Page - Renesas Technology Corp SH7017 Datasheet HTML 39Page - Renesas Technology Corp SH7017 Datasheet HTML 40Page - Renesas Technology Corp SH7017 Datasheet HTML 41Page - Renesas Technology Corp SH7017 Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 754 page
background image
1. SH7014/16/17 Overview
Rev.5.00 Sep. 27, 2007 Page 4 of 716
REJ09B0398-0500
Watchdog Timer (WDT) (One Channel):
• Watchdog timer or interval timer
• Count overflow can generate an internal reset, external signal, or interrupt
Serial Communication Interface (SCI) (Two Channels):
(Per Channel):
• Asynchronous or clock-synchronous mode is selectable
• Can transmit and receive simultaneously (full duplex)
• On-chip dedicated baud rate generator
• Multiprocessor communication function
I/O Ports:
• SH7014
⎯ Input/output: 35
⎯ Input: 8
⎯ Total: 43
• SH7016/17
⎯ Input/output: 74
⎯ Input: 8
⎯ Total: 82
A/D Converter:
• 10 bits × 8 channels
• The SH7014 has a high-speed A/D converter, while the SH7016 and SH7017 have a mid-
speed A/D converter.
On-Chip Memory:
• ROM
⎯ SH7014: ROMless
⎯ SH7016: 64 kbytes (mask ROM)
⎯ SH7017: 128 kbytes (flash ROM)
• RAM: SH7014/16: 3 kbytes (1 kbyte when cache is used)
SH7017: 4 kbytes (2 kbytes when cache is used)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com