Electronic Components Datasheet Search
  English  ▼

X  

SH7017 Datasheet(PDF) 67 Page - Renesas Technology Corp

Part # SH7017
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7017 Datasheet(HTML) 67 Page - Renesas Technology Corp

Back Button SH7017 Datasheet HTML 63Page - Renesas Technology Corp SH7017 Datasheet HTML 64Page - Renesas Technology Corp SH7017 Datasheet HTML 65Page - Renesas Technology Corp SH7017 Datasheet HTML 66Page - Renesas Technology Corp SH7017 Datasheet HTML 67Page - Renesas Technology Corp SH7017 Datasheet HTML 68Page - Renesas Technology Corp SH7017 Datasheet HTML 69Page - Renesas Technology Corp SH7017 Datasheet HTML 70Page - Renesas Technology Corp SH7017 Datasheet HTML 71Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 754 page
background image
2. CPU
Rev.5.00 Sep. 27, 2007 Page 33 of 716
REJ09B0398-0500
2.4
Instruction Set by Classification
Table 2.10
Classification of Instructions
Classification Types
Operation
Code
Function
No. of
Instructions
Data transfer
5
MOV
Data transfer, immediate data transfer,
peripheral module data transfer, structure data
transfer
39
MOVA
Effective address transfer
MOVT
T bit transfer
SWAP
Swap of upper and lower bytes
XTRCT
Extraction of the middle of registers connected
21
ADD
Binary addition
33
Arithmetic
operations
ADDC
Binary addition with carry
ADDV
Binary addition with overflow check
CMP/cond Comparison
DIV1
Division
DIV0S
Initialization of signed division
DIV0U
Initialization of unsigned division
DMULS
Signed double-length multiplication
DMULU
Unsigned double-length multiplication
DT
Decrement and test
EXTS
Sign extension
EXTU
Zero extension
MAC
Multiply/accumulate, double-length
multiply/accumulate operation
MUL
Double-length multiply operation
MULS
Signed multiplication
MULU
Unsigned multiplication
NEG
Negation
NEGC
Negation with borrow
SUB
Binary subtraction
SUBC
Binary subtraction with borrow
SUBV
Binary subtraction with underflow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com