Electronic Components Datasheet Search
  English  ▼

X  

SH7017 Datasheet(PDF) 105 Page - Renesas Technology Corp

Part # SH7017
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7017 Datasheet(HTML) 105 Page - Renesas Technology Corp

Back Button SH7017 Datasheet HTML 101Page - Renesas Technology Corp SH7017 Datasheet HTML 102Page - Renesas Technology Corp SH7017 Datasheet HTML 103Page - Renesas Technology Corp SH7017 Datasheet HTML 104Page - Renesas Technology Corp SH7017 Datasheet HTML 105Page - Renesas Technology Corp SH7017 Datasheet HTML 106Page - Renesas Technology Corp SH7017 Datasheet HTML 107Page - Renesas Technology Corp SH7017 Datasheet HTML 108Page - Renesas Technology Corp SH7017 Datasheet HTML 109Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 754 page
background image
5. Exception Processing
Rev.5.00 Sep. 27, 2007 Page 71 of 716
REJ09B0398-0500
5.8
Usage Notes
5.8.1
Value of Stack Pointer (SP)
The value of the stack pointer must always be a multiple of four. If it is not, an address error will
occur when the stack is accessed during exception processing.
5.8.2
Value of Vector Base Register (VBR)
The value of the vector base register must always be a multiple of four. If it is not, an address error
will occur when the stack is accessed during exception processing.
5.8.3
Address Errors Caused by Stacking of Address Error Exception Processing
When the stack pointer is not a multiple of four, an address error will occur during stacking of the
exception processing (interrupts, etc.) and address error exception processing will start up as soon
as the first exception processing is ended. Address errors will then also occur in the stacking for
this address error exception processing. To ensure that address error exception processing does not
go into an endless loop, no address errors are accepted at that point. This allows program control
to be shifted to the address error exception service routine and enables error processing.
When an address error occurs during exception processing stacking, the stacking bus cycle (write)
is executed. During stacking of the status register (SR) and program counter (PC), the SP is
−4 for
both, so the value of SP will not be a multiple of four after the stacking either. The address value
output during stacking is the SP value, so the address where the error occurred is itself output.
This means the write data stacked will be undefined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com