Electronic Components Datasheet Search
  English  ▼

X  

SH7017 Datasheet(PDF) 119 Page - Renesas Technology Corp

Part # SH7017
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7017 Datasheet(HTML) 119 Page - Renesas Technology Corp

Back Button SH7017 Datasheet HTML 115Page - Renesas Technology Corp SH7017 Datasheet HTML 116Page - Renesas Technology Corp SH7017 Datasheet HTML 117Page - Renesas Technology Corp SH7017 Datasheet HTML 118Page - Renesas Technology Corp SH7017 Datasheet HTML 119Page - Renesas Technology Corp SH7017 Datasheet HTML 120Page - Renesas Technology Corp SH7017 Datasheet HTML 121Page - Renesas Technology Corp SH7017 Datasheet HTML 122Page - Renesas Technology Corp SH7017 Datasheet HTML 123Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 754 page
background image
6. Interrupt Controller (INTC)
Rev.5.00 Sep. 27, 2007 Page 85 of 716
REJ09B0398-0500
6.4
Interrupt Operation
6.4.1
Interrupt Sequence
The sequence of interrupt operations is explained below. Figure 6.3 is a flowchart of the
operations.
1. The interrupt request sources send interrupt request signals to the interrupt controller.
2. The interrupt controller selects the highest priority interrupt in the interrupt requests sent,
following the priority levels set in interrupt priority level setting registers A to H (IPRA to
IPRH). Lower-priority interrupts are ignored. They are held pending until interrupt requests
designated as edge-detect type are accepted. For IRQ interrupts, however, withdrawal is
possible by accessing the IRQ status register (ISR). See section 6.2.2, IRQ Interrupts, for
details. Interrupts held pending due to edge detection are cleared by a power-on reset. If two of
these interrupts have the same priority level or if multiple interrupts occur within a single
module, the interrupt with the highest default priority or the highest priority within its IPR
setting range (as indicated in table 6.3) is selected.
3. The interrupt controller compares the priority level of the selected interrupt request with the
interrupt mask bits (I3 to I0) in the CPU's status register (SR). If the request priority level is
equal to or less than the level set in I3 to I0, the request is ignored. If the request priority level
is higher than the level in bits I3 to I0, the interrupt controller accepts the interrupt and sends
an interrupt request signal to the CPU.
4. The CPU detects the interrupt request sent from the interrupt controller when it decodes the
next instruction to be executed. Instead of executing the decoded instruction, the CPU starts
interrupt exception processing (figure 6.4).
5. SR and PC are saved onto the stack.
6. The priority level of the accepted interrupt is copied to the interrupt mask level bits (I3 to I0) in
the status register (SR).
7. The CPU reads the start address of the exception service routine from the exception vector
table for the accepted interrupt, jumps to that address, and starts executing the program there.
This jump is not a delay branch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com