Electronic Components Datasheet Search
  English  ▼

X  

SH7017 Datasheet(PDF) 132 Page - Renesas Technology Corp

Part # SH7017
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7017 Datasheet(HTML) 132 Page - Renesas Technology Corp

Back Button SH7017 Datasheet HTML 128Page - Renesas Technology Corp SH7017 Datasheet HTML 129Page - Renesas Technology Corp SH7017 Datasheet HTML 130Page - Renesas Technology Corp SH7017 Datasheet HTML 131Page - Renesas Technology Corp SH7017 Datasheet HTML 132Page - Renesas Technology Corp SH7017 Datasheet HTML 133Page - Renesas Technology Corp SH7017 Datasheet HTML 134Page - Renesas Technology Corp SH7017 Datasheet HTML 135Page - Renesas Technology Corp SH7017 Datasheet HTML 136Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 754 page
background image
7. Cache Memory (CAC)
Rev.5.00 Sep. 27, 2007 Page 98 of 716
REJ09B0398-0500
7.4
Usage Notes
7.4.1
Cache Initialization
Always initialize the cache before enabling it. Specifically, use an address array write to write 0 to
all valid bits for all entries (256 times), that is,those in the address range H'FFFFF000 to
H'FFFFF3FFF.
7.4.2
Forced Access to Address Array and Data Array
While the cache is enabled, it is not possible to write to the address array or data array via the
CPU, or DMAC, and a read will return an undefined value. The cache must be disabled before
making a forced access to the address array or data array.
7.4.3
Cache Miss Penalty and Cache Fill Timing
When a cache miss occurs, a single idle cycle is generated as a penalty immediately before the
cache fill (access from external memory in the event of a cache miss), as shown in figure 7.5.
However, in the case of consecutive cache misses, idle cycles are not generated for the second and
subsequent cache misses, as shown in figure 7.6.
As the timing for a cache fill from normal space, the CS assert period immediately before the end
of the bus cycle (or the last bus cycle when two or four bus cycles are generated, such as in a word
access to 8-bit space) is extended by an additional cycle, as shown in figures 7.5 and 7.6.
Similarly, as the timing for a cache fill from DRAM space, the RAS assert period immediately
before the end of the bus cycle is extended by an additional cycle as shown in figure 7.7. In RAS
down mode, the next bus cycle is delayed by one cycle as shown in figure 7.8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com