Electronic Components Datasheet Search
  English  ▼

X  

SH7017 Datasheet(PDF) 235 Page - Renesas Technology Corp

Part # SH7017
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7017 Datasheet(HTML) 235 Page - Renesas Technology Corp

Back Button SH7017 Datasheet HTML 231Page - Renesas Technology Corp SH7017 Datasheet HTML 232Page - Renesas Technology Corp SH7017 Datasheet HTML 233Page - Renesas Technology Corp SH7017 Datasheet HTML 234Page - Renesas Technology Corp SH7017 Datasheet HTML 235Page - Renesas Technology Corp SH7017 Datasheet HTML 236Page - Renesas Technology Corp SH7017 Datasheet HTML 237Page - Renesas Technology Corp SH7017 Datasheet HTML 238Page - Renesas Technology Corp SH7017 Datasheet HTML 239Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 754 page
background image
10. Multifunction Timer Pulse Unit (MTU)
Rev.5.00 Sep. 27, 2007 Page 201 of 716
REJ09B0398-0500
Bits 4 and 3
⎯Clock Edge 1, 0 (CKEG1 and CKEG0): CKEG1 and CKEG0 select the input
clock edges. When counting is done on both edges of the internal clock the input clock frequency
becomes 1/2 (Example: both edges of
φ/4 = rising edge of φ/2). When phase count mode is used
with channels 1, 2, these settings are ignored, as the phase count mode settings have priority.
Bit 4
CKEG1
Bit 3
CKEG0 Description
0
0
Count on rising edges
(initial value)
1
Count on falling edges
1
X
Count on both rising and falling edges
Notes: 1. X: 0 or 1, don't care.
2. Internal clock edge selection is effective when the input clock is
φ/4 or slower. These
settings are ignored when
φ/1, or the overflow/underflow of another channel is selected
for the input clock.
Bits 2 to 0
⎯Timer Prescaler 2 to 0 (TPSC2 to TPSC0): TPSC2 to TPSC0 select the counter
clock source for the TCNT. An independent clock source can be selected for each channel. Table
10.4 shows the possible settings for each channel.
Table 10.4
MTU Clock Sources
Internal Clock
External Clock
Channel
φ/1
φ/4
φ/
16
φ/
64
φ/
256
φ/
1024
Other Channel
Overflow/
Underflow
TCL
KA
TCL
KB
TCL
KC
TCL
KD
0
O
O
O
O
X
X
X
O
O
O
O
1
O
O
O
O
O
X
O
O
O
X
X
2
O
O
O
O
X
O
X
O
O
O
X
Note:
Symbols:
O: Setting possible
X: Setting impossible



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com