Electronic Components Datasheet Search
  English  ▼

X  

SH7017 Datasheet(PDF) 296 Page - Renesas Technology Corp

Part # SH7017
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7017 Datasheet(HTML) 296 Page - Renesas Technology Corp

Back Button SH7017 Datasheet HTML 292Page - Renesas Technology Corp SH7017 Datasheet HTML 293Page - Renesas Technology Corp SH7017 Datasheet HTML 294Page - Renesas Technology Corp SH7017 Datasheet HTML 295Page - Renesas Technology Corp SH7017 Datasheet HTML 296Page - Renesas Technology Corp SH7017 Datasheet HTML 297Page - Renesas Technology Corp SH7017 Datasheet HTML 298Page - Renesas Technology Corp SH7017 Datasheet HTML 299Page - Renesas Technology Corp SH7017 Datasheet HTML 300Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 296 / 754 page
background image
10. Multifunction Timer Pulse Unit (MTU)
Rev.5.00 Sep. 27, 2007 Page 262 of 716
REJ09B0398-0500
10.7
Usage Notes
This section describes contention and other matters requiring special attention during MTU
operations.
10.7.1
Input Clock Limitations
The input clock pulse width, in the case of single edge, must be 1.5 states or greater, and 2.5 states
or greater for both edges. Normal operation cannot be guaranteed with lesser pulse widths.
In phase counting mode, the phase difference between the two input clocks and the overlap must
be 1.5 states or greater for each, and the pulse width must be 2.5 states or greater. Input clock
conditions for phase counting mode are shown in figure 10.49.
Overlap
Phase
difference
Overlap
Phase
difference
Pulse width
Pulse width
Pulse width
Pulse width
TCLKB
(TCLKD)
TCLKA
(TCLKC)
Notes: Phase difference and overlap: 1.5 states or greater
Pulse width: 2.5 states or greater
Figure 10.49 Phase Difference, Overlap, and Pulse Width in Phase Count Mode
10.7.2
Note on Cycle Setting
When setting a counter clearing by compare-match, clearing is done in the final state when TCNT
matches the TGR value (update timing for count value on TCNT match). The actual number of
states set in the counter is given by the following equation:
f =
φ
(N + 1)
(f: counter frequency,
φ: operating frequency, N: value set in the TGR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com