Electronic Components Datasheet Search
  English  ▼

X  

HD6433641 Datasheet(PDF) 43 Page - Renesas Technology Corp

Part # HD6433641
Description  8-Bit Single-Chip Microcomputer
PDF  549 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433641 Datasheet(HTML) 43 Page - Renesas Technology Corp

Back Button HD6433641 Datasheet HTML 39Page - Renesas Technology Corp HD6433641 Datasheet HTML 40Page - Renesas Technology Corp HD6433641 Datasheet HTML 41Page - Renesas Technology Corp HD6433641 Datasheet HTML 42Page - Renesas Technology Corp HD6433641 Datasheet HTML 43Page - Renesas Technology Corp HD6433641 Datasheet HTML 44Page - Renesas Technology Corp HD6433641 Datasheet HTML 45Page - Renesas Technology Corp HD6433641 Datasheet HTML 46Page - Renesas Technology Corp HD6433641 Datasheet HTML 47Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 549 page
background image
Section 2 CPU
Rev. 6.00 Sep 12, 2006 page 23 of 526
REJ09B0326-0600
2.4
Addressing Modes
2.4.1
Addressing Modes
The H8/300L CPU supports the eight addressing modes listed in table 2.1. Each instruction uses a
subset of these addressing modes.
Table 2.1
Addressing Modes
No.
Address Modes
Symbol
1
Register direct
Rn
2
Register indirect
@Rn
3
Register indirect with displacement
@(d:16, Rn)
4
Register indirect with post-increment
Register indirect with pre-decrement
@Rn+
@–Rn
5
Absolute address
@aa:8 or @aa:16
6
Immediate
#xx:8 or #xx:16
7
Program-counter relative
@(d:8, PC)
8
Memory indirect
@@aa:8
1. Register Direct
Rn: The register field of the instruction specifies an 8- or 16-bit general
register containing the operand.
Only the MOV.W, ADD.W, SUB.W, CMP.W, ADDS, SUBS, MULXU (8 bits
× 8 bits), and
DIVXU (16 bits ÷ 8 bits) instructions have 16-bit operands.
2. Register Indirect
@Rn: The register field of the instruction specifies a 16-bit general
register containing the address of the operand in memory.
3. Register Indirect with Displacement
@(d:16, Rn): The instruction has a second word
(bytes 3 and 4) containing a displacement which is added to the contents of the specified
general register to obtain the operand address in memory.
This mode is used only in MOV instructions. For the MOV.W instruction, the resulting
address must be even.
4. Register Indirect with Post-Increment or Pre-Decrement
@Rn+ or @–Rn:
 Register indirect with post-increment@Rn+
The @Rn+ mode is used with MOV instructions that load registers from memory.
The register field of the instruction specifies a 16-bit general register containing the address
of the operand. After the operand is accessed, the register is incremented by 1 for MOV.B
or 2 for MOV.W, and the result of the addition is stored in the register. For MOV.W, the
original contents of the 16-bit general register must be even.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com