Electronic Components Datasheet Search
  English  ▼

X  

HD6433641 Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # HD6433641
Description  8-Bit Single-Chip Microcomputer
PDF  549 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433641 Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button HD6433641 Datasheet HTML 81Page - Renesas Technology Corp HD6433641 Datasheet HTML 82Page - Renesas Technology Corp HD6433641 Datasheet HTML 83Page - Renesas Technology Corp HD6433641 Datasheet HTML 84Page - Renesas Technology Corp HD6433641 Datasheet HTML 85Page - Renesas Technology Corp HD6433641 Datasheet HTML 86Page - Renesas Technology Corp HD6433641 Datasheet HTML 87Page - Renesas Technology Corp HD6433641 Datasheet HTML 88Page - Renesas Technology Corp HD6433641 Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 549 page
background image
Section 3 Exception Handling
Rev. 6.00 Sep 12, 2006 page 65 of 526
REJ09B0326-0600
Bit 6
INT6 Edge Select (INTEG6): Bit 6 selects the input sensing of the INT6 pin and TMIB
pin.
Bit 6: INTEG6
Description
0
Falling edge of
INT6 and TMIB pin input is detected
(initial value)
1
Rising edge of
INT6 and TMIB pin input is detected
Bit 5
INT5 Edge Select (INTEG5): Bit 5 selects the input sensing of the INT5 pin and ADTRG
pin.
Bit 5: INTEG5
Description
0
Falling edge of
INT5 and ADTRG pin input is detected
(initial value)
1
Rising edge of
INT5 and ADTRG pin input is detected
Bits 4 to 0
INT4 to INT0 Edge Select (INTEG4 to INTEG0): Bits 4 to 0 select the input
sensing of pins
INT
4 to INT0.
Bit n: INTEGn
Description
0
Falling edge of
INTn pin input is detected
(initial value)
1
Rising edge of
INTn pin input is detected
(n = 4 to 0)
Interrupt Enable Register 1 (IENR1)
Bit
7
6
5
4
3
2
1
0
IENTB1
IENTA
IEN3
IEN2
IEN1
IEN0
Initial value
0
0
0
1
0
0
0
0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
IENR1 is an 8-bit read/write register that enables or disables interrupt requests. Upon reset, IENR1
is initialized to H'10.
Bit 7
Timer B1 Interrupt Enable (IENTB1): Bit 7 enables or disables timer B1 overflow
interrupt requests.
Bit 7: IENTB1
Description
0
Disables timer B1 interrupt requests
(initial value)
1
Enables timer B1 interrupt requests



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com