Electronic Components Datasheet Search
  English  ▼

X  

HD6433641 Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # HD6433641
Description  8-Bit Single-Chip Microcomputer
PDF  549 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433641 Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button HD6433641 Datasheet HTML 26Page - Renesas Technology Corp HD6433641 Datasheet HTML 27Page - Renesas Technology Corp HD6433641 Datasheet HTML 28Page - Renesas Technology Corp HD6433641 Datasheet HTML 29Page - Renesas Technology Corp HD6433641 Datasheet HTML 30Page - Renesas Technology Corp HD6433641 Datasheet HTML 31Page - Renesas Technology Corp HD6433641 Datasheet HTML 32Page - Renesas Technology Corp HD6433641 Datasheet HTML 33Page - Renesas Technology Corp HD6433641 Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 549 page
background image
Section 1 Overview
Rev. 6.00 Sep 12, 2006 page 10 of 526
REJ09B0326-0600
1.3.2
Pin Functions
Table 1.2 outlines the pin functions of the H8/3644 Group.
Table 1.2
Pin Functions
Pin No.
Type
Symbol
FP-64A
DP-64S
TFP-80C I/O
Name and Functions
Power
source pins
VCC
33
41
42
Input
Power supply: All VCC pins
should be connected to the user
system VCC.
VSS
7
15
8, 11
Input
Ground: All VSS pins should be
connected to the user system
GND.
AVCC
58
2
72
Input
Analog power supply: This is
the power supply pin for the A/D
converter. When the A/D
converter is not used, connect
this pin to the user system VCC.
AVSS
3
11
4
Input
Analog ground: This is the A/D
converter ground pin. It should be
connected to the user system
GND.
Clock pins
OSC1
8
16
9
Input
System clock: These pins
connect to a crystal or ceramic
resonator, or can be used to input
an external clock.
OSC2
9
17
10
Output
See section 4, Clock Pulse
Generators, for a typical
connection diagram.
X1
6
14
7
Input
Subclock: These pins connect to
a 32.768-kHz crystal resonator.
X2
5
13
6
Output
See section 4, Clock Pulse
Generators, for a typical
connection diagram.
System
control
RES
10
18
12
Input
Reset: When this pin is driven
low, the chip is reset
TEST
4
12
5
Input
Test: This is a test pin, not for
use in application systems. It
should be connected to VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com