Electronic Components Datasheet Search
  English  ▼

X  

HD6433641 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # HD6433641
Description  8-Bit Single-Chip Microcomputer
PDF  549 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433641 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button HD6433641 Datasheet HTML 19Page - Renesas Technology Corp HD6433641 Datasheet HTML 20Page - Renesas Technology Corp HD6433641 Datasheet HTML 21Page - Renesas Technology Corp HD6433641 Datasheet HTML 22Page - Renesas Technology Corp HD6433641 Datasheet HTML 23Page - Renesas Technology Corp HD6433641 Datasheet HTML 24Page - Renesas Technology Corp HD6433641 Datasheet HTML 25Page - Renesas Technology Corp HD6433641 Datasheet HTML 26Page - Renesas Technology Corp HD6433641 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 549 page
background image
Section 1 Overview
Rev. 6.00 Sep 12, 2006 page 3 of 526
REJ09B0326-0600
Item
Description
Power-down
modes
Seven power-down modes
• Sleep (high-speed) mode
• Sleep (medium-speed) mode
• Standby mode
• Watch mode
• Subsleep mode
• Subactive mode
• Active (medium-speed) mode
Memory
Large on-chip memory
• H8/3644: 32-kbyte ROM, 1-kbyte RAM
• H8/3643: 24-kbyte ROM, 1-kbyte RAM
• H8/3642: 16-kbyte ROM, 512 byte RAM (1-kbyte RAM F-ZTAT version)
• H8/3641: 12-kbyte ROM, 512 byte RAM
• H8/3640: 8-kbyte ROM, 512 byte RAM
I/O ports
53 pins
• 45 I/O pins
• 8 input pins
Timers
Five on-chip timers
• Timer A: 8-bit timer
Count-up timer with selection of eight internal clock signals divided from the
system clock (
φ)*
2 and four clock signals divided from the watch clock
(
φ w)*
2
• Timer B1: 8-bit timer
 Count-up timer with selection of seven internal clock signals or event
input from external pin
 Auto-reloading
• Timer V: 8-bit timer
 Count-up timer with selection of six internal clock signals or event input
from external pin
 Compare-match waveform output
 Externally triggerable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com