Electronic Components Datasheet Search
  English  ▼

X  

SH7052 Datasheet(PDF) 797 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 797 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 793Page - Renesas Technology Corp SH7052 Datasheet HTML 794Page - Renesas Technology Corp SH7052 Datasheet HTML 795Page - Renesas Technology Corp SH7052 Datasheet HTML 796Page - Renesas Technology Corp SH7052 Datasheet HTML 797Page - Renesas Technology Corp SH7052 Datasheet HTML 798Page - Renesas Technology Corp SH7052 Datasheet HTML 799Page - Renesas Technology Corp SH7052 Datasheet HTML 800Page - Renesas Technology Corp SH7052 Datasheet HTML 801Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 797 / 919 page
background image
771
H'00000
H'01000
H'02000
H'03000
H'04000
H'05000
H'06000
H'07000
H'08000
H'5FFFF
Flash memory
EB8 to EB13
EB0
EB1
EB2
EB3
EB4
EB5
EB6
EB7
H'FFFF8000
H'FFFF8FFF
H'FFFFBFFF
On-chip RAM
This area can be accessed
from both the RAM area
and flash memory area
Figure 21.18 Example of RAM Overlap Operation
Example in which Flash Memory Block Area EB0 is Overlapped
1. Set bits RAMS and RAM2 to RAM0 in RAMER to 1, 0, 0, 0, to overlap part of RAM onto the
area (EB0) for which real-time programming is required.
2. Real-time programming is performed using the overlapping RAM.
3. After the program data has been confirmed, the RAMS bit is cleared, releasing RAM overlap.
4. The data written in the overlapping RAM is written into the flash memory space (EB0).
Notes: 1. When the RAMS bit is set to 1, program/erase protection is enabled for all blocks
regardless of the value of RAM2 to RAM0 (emulation protection). In this state, setting
the P1 or E1 bit in flash memory control register 1 (FLMCR1) will not cause a
transition to program mode or erase mode. When actually programming or erasing a
flash memory area, the RAMS bit should be cleared to 0.
2. A RAM area cannot be erased by execution of software in accordance with the erase
algorithm while flash memory emulation in RAM is being used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com