Electronic Components Datasheet Search
  English  ▼

X  

SH7052 Datasheet(PDF) 840 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 840 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 836Page - Renesas Technology Corp SH7052 Datasheet HTML 837Page - Renesas Technology Corp SH7052 Datasheet HTML 838Page - Renesas Technology Corp SH7052 Datasheet HTML 839Page - Renesas Technology Corp SH7052 Datasheet HTML 840Page - Renesas Technology Corp SH7052 Datasheet HTML 841Page - Renesas Technology Corp SH7052 Datasheet HTML 842Page - Renesas Technology Corp SH7052 Datasheet HTML 843Page - Renesas Technology Corp SH7052 Datasheet HTML 844Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 840 / 919 page
background image
814
Usage Notes
Set power supply voltages during LSI operation as shown below.
V
CC = PLLVCC = 3.3 V ±0.3 V, PVCC1 = 5.0 V ±0.5 V/3.3 V ±0.3 V, PVCC2 = 5.0 V ±0.5 V,
AV
CC = 5.0 V ±0.5 V, AVref = 4.5 V to AVCC, VSS = PLLVSS = AVSS = 0 V
When PV
CC1 = 3.3 V ±0.3 V, VCC = PVCC1
The PV
CC1 power supply voltage depends on the operating mode as shown below. Operation
cannot be guaranteed with other PV
CC1 power supply voltages.
Table 24.3
PV
CC1 Voltage in Each Operating Mode
Operating Mode No.
Mode Name
PV
CC1 Voltage
Modes 0, 1, 2
MCU expanded mode
3.3 V ±0.3 V
Mode 3
Single-chip mode
5.0 V ±0.5 V
Mode 4
Boot mode
3.3 V ±0.3 V
Mode 5
Boot mode
5.0 V ±0.5 V
Mode 6
User program mode
3.3 V ±0.3 V
Mode 7
User program mode
5.0 V ±0.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com