| Electronic Components Datasheet Search |
|
SH7052 Datasheet(PDF) 143 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7052 Datasheet(HTML) 143 Page - Renesas Technology Corp |
|
143 / 919 page ![]() 117 8.1.3 Pin Configuration Table 8.1 shows the bus state controller pin configuration. Table 8.1 Pin Configuration Name Abbr. I/O Description Address bus A21 to A0 O Address output Data bus D15 to D0 I/O 16-bit data bus Chip select CS0 to CS3 O Chip select signals indicating the area being accessed Read RD O Strobe that indicates the read cycle for ordinary space/multiplex I/O Upper write WRH O Strobe that indicates a write cycle to the upper 8 bits (D15 to D8) Lower write WRL O Strobe that indicates a write cycle to the lower 8 bits (D7 to D0) Wait WAIT I Wait state request signal Bus request BREQ I Bus release request input Bus acknowledge BACK O Bus use enable output Note: When an 8-bit bus width is selected for external space, WRL is enabled. When a 16-bit bus width is selected for external space, WRH and WRL are enabled. 8.1.4 Register Configuration The BSC has four registers. These registers are used to control wait states, bus width, and interfaces with memories like ROM and SRAM, as well as refresh control. The register configurations are listed in table 8.2. All registers are 16 bits. All BSC registers are all initialized by a power-on reset and in hardware standby mode. Values are retained in a manual reset and in software standby mode. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |