Electronic Components Datasheet Search
  English  ▼

X  

SH-2 Datasheet(PDF) 347 Page - Renesas Technology Corp

Part # SH-2
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2 Datasheet(HTML) 347 Page - Renesas Technology Corp

Back Button SH-2 Datasheet HTML 343Page - Renesas Technology Corp SH-2 Datasheet HTML 344Page - Renesas Technology Corp SH-2 Datasheet HTML 345Page - Renesas Technology Corp SH-2 Datasheet HTML 346Page - Renesas Technology Corp SH-2 Datasheet HTML 347Page - Renesas Technology Corp SH-2 Datasheet HTML 348Page - Renesas Technology Corp SH-2 Datasheet HTML 349Page - Renesas Technology Corp SH-2 Datasheet HTML 350Page - Renesas Technology Corp SH-2 Datasheet HTML 351Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 347 / 919 page
background image
321
Correction Counter 10E (TCNT10E): Correction counter 10E (TCNT10E) is a 16-bit
readable/writable register that loads the TCNT10D shift value at the external input (TI10) timing,
and counts on the multiplied clock (AGCK1) output by reload counter 10C (TCNT10C).
However, if CCS in timer I/O control register 10 (TIOR10) is set to 1, when the TCNT10D shifted
value is reached the count is halted.
Bit:
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Initial value:
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
R/W: R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W
TCNT10E can only be accessed by a word read or write.
TCNT10E is initialized to H'0000 by a power-on reset, and in hardware standby mode and
software standby mode.
Correction Counter 10F (TCNT10F): Correction counter 10F (TCNT10F) is a 16-bit
readable/writable register that counts up if the counter value is smaller than the correction counter
10E (TCNT10E) value when the STR10 bit in TSTR1 has been set for counter operation. The
count is halted by a match with the correction counter clear register (TCCLR10). If TI10 is input
when TCNT10D = H'0000, TCNT10F is initialized and correction is carried out. When TCNT10F
= TCCLR10, TCNT10F is cleared to H'0001. While TCNT10F
≠ TCCLR10, TCNT10F is
incremented automatically until it reaches the TCCLR10 value, and is then cleared to H'0001.
A corrected clock (AGCKM) is output following correction each time this counter is incremented.
Bit:
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Initial value:
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
R/W: R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W
TCNT10F is can only be accessed by a word read or write.
TCNT10F is initialized to H'0001 by a power-on reset, and in hardware standby mode and
software standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com