Electronic Components Datasheet Search
  English  ▼

X  

SH-2 Datasheet(PDF) 346 Page - Renesas Technology Corp

Part # SH-2
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2 Datasheet(HTML) 346 Page - Renesas Technology Corp

Back Button SH-2 Datasheet HTML 342Page - Renesas Technology Corp SH-2 Datasheet HTML 343Page - Renesas Technology Corp SH-2 Datasheet HTML 344Page - Renesas Technology Corp SH-2 Datasheet HTML 345Page - Renesas Technology Corp SH-2 Datasheet HTML 346Page - Renesas Technology Corp SH-2 Datasheet HTML 347Page - Renesas Technology Corp SH-2 Datasheet HTML 348Page - Renesas Technology Corp SH-2 Datasheet HTML 349Page - Renesas Technology Corp SH-2 Datasheet HTML 350Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 346 / 919 page
background image
320
Reload Counter 10C (TCNT10C): Reload counter 10C (TCNT10C) is a 16-bit readable/writable
register.
Bit:
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Initial value:
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
R/W: R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W
When TCNT10C = H'0001 in the down-count operation, the value in the reload register
(RLD10C) is transferred to TCNT10C, and a multiplied clock (AGCK1) is generated.
TCNT10C is connected to the CPU via an internal 16-bit bus, and can only be accessed by a word
read or write.
TCNT10C is initialized to H'0001 by a power-on reset, and in hardware standby mode and
software standby mode.
Correction Counter 10D (TCNT10D): Correction counter 10D (TCNT10D) is an 8-bit
readable/writable register that counts on external clock input (TI10) after transfer of the counter
value to correction counter E (TCNT10E). Set TI10 input with bits CKEG1 and CKEG0 in
TCR10. Counting will not be performed on TI10 input unless the count operation is enabled by
bit STR10 in TSTR1.
Bit:
7
6
5
4
3
2
1
0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
At the external clock input (TI10) (AGCK) timing, the value in this counter is shifted according to
the multiplication factor set by bits PIM1 and PIM0 in timer I/O control register 10 (TIOR10) and
transferred to correction counter E (TCNT10E).
TCNT10D can only be accessed by a byte read or write.
TCNT10D is initialized to H'00 by a power-on reset, and in hardware standby mode and software
standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com