Electronic Components Datasheet Search
  English  ▼

X  

SH-2 Datasheet(PDF) 342 Page - Renesas Technology Corp

Part # SH-2
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2 Datasheet(HTML) 342 Page - Renesas Technology Corp

Back Button SH-2 Datasheet HTML 338Page - Renesas Technology Corp SH-2 Datasheet HTML 339Page - Renesas Technology Corp SH-2 Datasheet HTML 340Page - Renesas Technology Corp SH-2 Datasheet HTML 341Page - Renesas Technology Corp SH-2 Datasheet HTML 342Page - Renesas Technology Corp SH-2 Datasheet HTML 343Page - Renesas Technology Corp SH-2 Datasheet HTML 344Page - Renesas Technology Corp SH-2 Datasheet HTML 345Page - Renesas Technology Corp SH-2 Datasheet HTML 346Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 342 / 919 page
background image
316
The CYLR registers can only be accessed by a word read or write.
The CYLR registers are initialized to H'FFFF by a power-on reset, and in hardware standby mode
and software standby mode.
For details of the CYLR, BFR, and DTR registers, see section 10.3.9, PWM Timer Function.
10.2.23
Buffer Registers (BFR)
The buffer registers (BFR) are 16-bit registers. The ATU-II has eight buffer registers, four each in
channels 6 and 7.
Channel
Abbreviation
Function
6
BFR6A to BFR6D
16-bit PWM buffer registers
7
BFR7A to BFR7D
Buffer register (BFR) value is transferred to duty register
(DTR) on compare-match of corresponding cycle register
(CYLR)
Buffer Registers (BFR6A to BFR6D, BFR7A to BFR7D)
Bit:
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Initial value:
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
R/W: R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W
The BFR registers are 16-bit readable/writable registers that store the value to be transferred to the
duty register (DTR) in the event of a cycle register (CYLR) compare-match.
The BFR registers can only be accessed by a word read or write.
The BFR registers are initialized to H'FFFF by a power-on reset, and in hardware standby mode
and software standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com