Electronic Components Datasheet Search
  English  ▼

X  

SH-2 Datasheet(PDF) 341 Page - Renesas Technology Corp

Part # SH-2
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2 Datasheet(HTML) 341 Page - Renesas Technology Corp

Back Button SH-2 Datasheet HTML 337Page - Renesas Technology Corp SH-2 Datasheet HTML 338Page - Renesas Technology Corp SH-2 Datasheet HTML 339Page - Renesas Technology Corp SH-2 Datasheet HTML 340Page - Renesas Technology Corp SH-2 Datasheet HTML 341Page - Renesas Technology Corp SH-2 Datasheet HTML 342Page - Renesas Technology Corp SH-2 Datasheet HTML 343Page - Renesas Technology Corp SH-2 Datasheet HTML 344Page - Renesas Technology Corp SH-2 Datasheet HTML 345Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 341 / 919 page
background image
315
Offset Base Registers 1 and 2 (OSBR1, OSBR2)
Bit:
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Initial value:
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
OSBR1 and OSBR2 are 16-bit read-only registers used exclusively for input capture. OSBR1 and
OSBR2 use the channel 0 ICR0A input capture register input as their trigger signal, and store the
TCNT1A or TCNT2A value on detection of an edge.
The OSBR registers can only be accessed by a word read.
The OSBR registers are initialized to H'0000 by a power-on reset, and in hardware standby mode
and software standby mode.
For details, see sections 10.3.8, Twin-Capture Function.
10.2.22
Cycle Registers (CYLR)
The cycle registers (CYLR) are 16-bit registers. The ATU-II has eight cycle registers, four each in
channels 6 and 7.
Channel
Abbreviation
Function
6
CYLR6A to CYLR6D
16-bit PWM cycle registers
7
CYLR7A to CYLR7D
Cycle Registers (CYLR6A to CYLR6D, CYLR7A to CYLR7D)
Bit:
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Initial value:
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
R/W: R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W
The CYLR registers are 16-bit readable/writable registers used for PWM cycle storage.
The CYLR value is constantly compared with the corresponding free-running counter (TCNT6A
to TCNT6D, TCNT7A to TCNT7D) value, and when the two values match, the corresponding
timer start register (TSR) bit (CMF6A to CMF6D, CMF7A to CMF7D) is set to 1, and the free-
running counter (TCNT6A to TCNT6D, TCNT7A to TCNT7D) is cleared. At the same time, the
buffer register (BFR) value is transferred to the duty register (DTR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com