Electronic Components Datasheet Search
  English  ▼

X  

SH-2 Datasheet(PDF) 339 Page - Renesas Technology Corp

Part # SH-2
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2 Datasheet(HTML) 339 Page - Renesas Technology Corp

Back Button SH-2 Datasheet HTML 335Page - Renesas Technology Corp SH-2 Datasheet HTML 336Page - Renesas Technology Corp SH-2 Datasheet HTML 337Page - Renesas Technology Corp SH-2 Datasheet HTML 338Page - Renesas Technology Corp SH-2 Datasheet HTML 339Page - Renesas Technology Corp SH-2 Datasheet HTML 340Page - Renesas Technology Corp SH-2 Datasheet HTML 341Page - Renesas Technology Corp SH-2 Datasheet HTML 342Page - Renesas Technology Corp SH-2 Datasheet HTML 343Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 339 / 919 page
background image
313
The GR registers are initialized to H'FFFF by a power-on reset, and in hardware standby mode and
software standby mode.
General Registers 3A to 3D, 4A to 4D, and 5A to 5D
(GR3A to GR3D, GR4A to GR4D, and GR5A to GR5D)
Bit:
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Initial value:
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
R/W: R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W
These GR registers are 16-bit readable/writable registers with both input capture and output
compare functions. Function switching is performed by means of the timer I/O control registers
(TIOR).
When a general register is used for input capture, it stores the corresponding TCNT value on
detection of an input capture signal from an external source. The corresponding IMF bit in TSR is
set to 1 at this time. The input capture signal edge to be detected is specified by the corresponding
TIOR. GR3A to GR3D can also be used for input capture with a channel 9 compare-match as the
trigger. In this case, the corresponding IMF bit in TSR is not set.
When a general register is used for output compare, the GR value and free-running counter
(TCNT) value are constantly compared, and when both values match, the IMF bit in the timer
status register (TSR) is set to 1. Compare-match output is specified by the corresponding TIOR.
The GR registers can only be accessed by a word read or write.
The GR registers are initialized to H'FFFF by a power-on reset, and in hardware standby mode and
software standby mode.
General Registers 9A to 9F (GR9A to GR9F)
Bit:
7
6
5
4
3
2
1
0
Initial value:
1
1
1
1
1
1
1
1
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
These GR registers are 8-bit readable/writable registers with a compare-match function.
The GR value and event counter (ECNT) value are constantly compared, and when both values
match a compare-match signal is generated and the next edge is input, the corresponding CMF bit
in TSR is set to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com