Electronic Components Datasheet Search
  English  ▼

X  

SH-2 Datasheet(PDF) 101 Page - Renesas Technology Corp

Part # SH-2
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2 Datasheet(HTML) 101 Page - Renesas Technology Corp

Back Button SH-2 Datasheet HTML 97Page - Renesas Technology Corp SH-2 Datasheet HTML 98Page - Renesas Technology Corp SH-2 Datasheet HTML 99Page - Renesas Technology Corp SH-2 Datasheet HTML 100Page - Renesas Technology Corp SH-2 Datasheet HTML 101Page - Renesas Technology Corp SH-2 Datasheet HTML 102Page - Renesas Technology Corp SH-2 Datasheet HTML 103Page - Renesas Technology Corp SH-2 Datasheet HTML 104Page - Renesas Technology Corp SH-2 Datasheet HTML 105Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 919 page
background image
75
Section 6 Interrupt Controller (INTC)
6.1
Overview
The interrupt controller (INTC) ascertains the priority of interrupt sources and controls interrupt
requests to the CPU. The INTC has registers for setting the priority of each interrupt which can be
used by the user to order the priorities in which the interrupt requests are processed.
6.1.1
Features
The INTC has the following features:
• 16 levels of interrupt priority
By setting the twelve interrupt-priority level registers, the priorities of IRQ interrupts and on-
chip peripheral module interrupts can be set in 16 levels for different request sources.
• NMI noise canceler function
NMI input level bits indicate the NMI pin status. By reading these bits with the interrupt
exception service routine, the pin status can be confirmed, enabling it to be used as a noise
canceler.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com