Electronic Components Datasheet Search
  English  ▼

X  

SH-2 Datasheet(PDF) 103 Page - Renesas Technology Corp

Part # SH-2
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2 Datasheet(HTML) 103 Page - Renesas Technology Corp

Back Button SH-2 Datasheet HTML 99Page - Renesas Technology Corp SH-2 Datasheet HTML 100Page - Renesas Technology Corp SH-2 Datasheet HTML 101Page - Renesas Technology Corp SH-2 Datasheet HTML 102Page - Renesas Technology Corp SH-2 Datasheet HTML 103Page - Renesas Technology Corp SH-2 Datasheet HTML 104Page - Renesas Technology Corp SH-2 Datasheet HTML 105Page - Renesas Technology Corp SH-2 Datasheet HTML 106Page - Renesas Technology Corp SH-2 Datasheet HTML 107Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 919 page
background image
77
6.1.3
Pin Configuration
Table 6.1 shows the INTC pin configuration.
Table 6.1
Pin Configuration
Name
Abbreviation
I/O
Function
Non-maskable interrupt input pin
NMI
I
Input of non-maskable interrupt
request signal
Interrupt request input pins
IRQ0 to IRQ3
I
Input of maskable interrupt request
signals
6.1.4
Register Configuration
The INTC has the 14 registers shown in table 6.2. These registers set the priority of the interrupts
and control external interrupt input signal detection.
Table 6.2
Register Configuration
Name
Abbr.
R/W
Initial Value
Address
Access Sizes
Interrupt priority register A
IPRA
R/W
H'0000
H'FFFF ED00
8, 16, 32
Interrupt priority register C
IPRC
R/W
H'0000
H'FFFF ED04
8, 16, 32
Interrupt priority register D
IPRD
R/W
H'0000
H'FFFF ED06
8, 16, 32
Interrupt priority register E
IPRE
R/W
H'0000
H'FFFF ED08
8, 16, 32
Interrupt priority register F
IPRF
R/W
H'0000
H'FFFF ED0A
8, 16, 32
Interrupt priority register G
IPRG
R/W
H'0000
H'FFFF ED0C
8, 16, 32
Interrupt priority register H
IPRH
R/W
H'0000
H'FFFF ED0E
8, 16, 32
Interrupt priority register I
IPRI
R/W
H'0000
H'FFFF ED10
8, 16, 32
Interrupt priority register J
IPRJ
R/W
H'0000
H'FFFF ED12
8, 16, 32
Interrupt priority register K
IPRK
R/W
H'0000
H'FFFF ED14
8, 16, 32
Interrupt priority register L
IPRL
R/W
H'0000
H'FFFF ED16
8, 16, 32
Interrupt control register
ICR
R/W
*1
H'FFFF ED18
8, 16, 32
IRQ status register
ISR
R(W)*
2
H'0000
H'FFFF ED1A
8, 16, 32
Notes: Three access cycles are required for byte access and word access, and six cycles for
longword access.
1. The value when the NMI pin is high is H'8000; when the NMI pin is low, it is H'0000.
2. Only 0 can be written, in order to clear flags.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com