Electronic Components Datasheet Search
  English  ▼

X  

SH-2 Datasheet(PDF) 127 Page - Renesas Technology Corp

Part # SH-2
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2 Datasheet(HTML) 127 Page - Renesas Technology Corp

Back Button SH-2 Datasheet HTML 123Page - Renesas Technology Corp SH-2 Datasheet HTML 124Page - Renesas Technology Corp SH-2 Datasheet HTML 125Page - Renesas Technology Corp SH-2 Datasheet HTML 126Page - Renesas Technology Corp SH-2 Datasheet HTML 127Page - Renesas Technology Corp SH-2 Datasheet HTML 128Page - Renesas Technology Corp SH-2 Datasheet HTML 129Page - Renesas Technology Corp SH-2 Datasheet HTML 130Page - Renesas Technology Corp SH-2 Datasheet HTML 131Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 919 page
background image
101
7.1.3
Register Configuration
The UBC has the six registers shown in table 7.1. Break conditions are established using these
registers.
Table 7.1
Register Configuration
Name
Abbr.
R/W
Initial
Value
Address*
Access
Size
User break address register H
UBARH
R/W
H'0000
H'FFFFEC00
8, 16, 32
User break address register L
UBARL
R/W
H'0000
H'FFFFEC02
8, 16, 32
User break address mask register H
UBAMRH
R/W
H'0000
H'FFFFEC04
8, 16, 32
User break address mask register L
UBAMRL
R/W
H'0000
H'FFFFEC06
8, 16, 32
User break bus cycle register
UBBR
R/W
H'0000
H'FFFFEC08
8, 16, 32
User break control register
UBCR
R/W
H'0000
H'FFFFEC0A 8, 16, 32
Note: * In register access, three cycles are required for byte access and word access, and six
cycles for longword access.
7.2
Register Descriptions
7.2.1
User Break Address Register (UBAR)
UBARH:
Bit:
15
14
13
12
11
10
9
8
UBA31
UBA30
UBA29
UBA28
UBA27
UBA26
UBA25
UBA24
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
7
6
5
4
3
2
1
0
UBA23
UBA22
UBA21
UBA20
UBA19
UBA18
UBA17
UBA16
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com