Electronic Components Datasheet Search
  English  ▼

X  

SH-2 Datasheet(PDF) 129 Page - Renesas Technology Corp

Part # SH-2
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2 Datasheet(HTML) 129 Page - Renesas Technology Corp

Back Button SH-2 Datasheet HTML 125Page - Renesas Technology Corp SH-2 Datasheet HTML 126Page - Renesas Technology Corp SH-2 Datasheet HTML 127Page - Renesas Technology Corp SH-2 Datasheet HTML 128Page - Renesas Technology Corp SH-2 Datasheet HTML 129Page - Renesas Technology Corp SH-2 Datasheet HTML 130Page - Renesas Technology Corp SH-2 Datasheet HTML 131Page - Renesas Technology Corp SH-2 Datasheet HTML 132Page - Renesas Technology Corp SH-2 Datasheet HTML 133Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 919 page
background image
103
UBAMRL:
Bit:
15
14
13
12
11
10
9
8
UBM15
UBM14
UBM13
UBM12
UBM11
UBM10
UBM9
UBM8
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
7
6
5
4
3
2
1
0
UBM7
UBM6
UBM5
UBM4
UBM3
UBM2
UBM1
UBM0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
The user break address mask register (UBAMR) consists of user break address mask register H
(UBAMRH) and user break address mask register L (UBAMRL). Both are 16-bit
readable/writable registers. UBAMRH designates whether to mask any of the break address bits
established in UBARH, and UBAMRL designates whether to mask any of the break address bits
established in UBARL. UBAMRH and UBAMRL are initialized to H'0000 by a power-on reset
and in module standby mode. They are not initialized in software standby mode.
• UBAMRH Bits 15 to 0—User Break Address Mask 31 to 16 (UBM31 to UBM16): These bits
designate whether to mask the corresponding break address 31 to 16 bits (UBA31 to UBA16)
established in UBARH.
• UBAMRL Bits 15 to 0—User Break Address Mask 15 to 0 (UBM15 to UBM0): These bits
designate whether to mask the corresponding break address 15 to 0 bits (UBA15 to UBA0)
established in UBARL.
Bit 15 to 0: UBMn
Description
0
Break address UBAn is included in the break conditions (Initial value)
1
Break address UBAn is not included in the break conditions
Note:
n = 31 to 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com