Electronic Components Datasheet Search
  English  ▼

X  

SH-2 Datasheet(PDF) 133 Page - Renesas Technology Corp

Part # SH-2
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2 Datasheet(HTML) 133 Page - Renesas Technology Corp

Back Button SH-2 Datasheet HTML 129Page - Renesas Technology Corp SH-2 Datasheet HTML 130Page - Renesas Technology Corp SH-2 Datasheet HTML 131Page - Renesas Technology Corp SH-2 Datasheet HTML 132Page - Renesas Technology Corp SH-2 Datasheet HTML 133Page - Renesas Technology Corp SH-2 Datasheet HTML 134Page - Renesas Technology Corp SH-2 Datasheet HTML 135Page - Renesas Technology Corp SH-2 Datasheet HTML 136Page - Renesas Technology Corp SH-2 Datasheet HTML 137Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 919 page
background image
107
7.3
Operation
7.3.1
Flow of the User Break Operation
The flow from setting of break conditions to user break interrupt exception processing is described
below:
1. The user break addresses are set in the user break address register (UBAR), the desired masked
bits in the addresses are set in the user break address mask register (UBAMR) and the breaking
bus cycle type is set in the user break bus cycle register (UBBR). If even one of the three
groups of the UBBR’s CPU cycle/DMA cycle select bits (CP1, CP0), instruction fetch/data
access select bits (ID1, ID0), and read/write select bits (RW1, RW0) is set to 00 (no user break
generated), no user break interrupt will be generated even if all other conditions are in
agreement. When using user break interrupts, always be certain to establish bit conditions for
all of these three groups.
2. The UBC uses the method shown in figure 7.2 to judge whether set conditions have been
fulfilled. When the set conditions are satisfied, the UBC sends a user break interrupt request
signal to the interrupt controller (INTC). At the same time, a condition match signal is output
at the
UBCTRG pin with the pulse width set in bits CKS1 and CKS0.
3. The interrupt controller checks the accepted user break interrupt request signal’s priority level.
The user break interrupt has priority level 15, so it is accepted only if the interrupt mask level
in bits I3 to I0 in the status register (SR) is 14 or lower. When the I3 to I0 bit level is 15, the
user break interrupt cannot be accepted but it is held pending until user break interrupt
exception processing can be carried out. Consequently, user break interrupts within NMI
exception service routines cannot be accepted, since the I3 to I0 bit level is 15. However, if the
I3 to I0 bit level is changed to 14 or lower at the start of the NMI exception service routine,
user break interrupts become acceptable thereafter. Section 6, Interrupt Controller, describes
the handling of priority levels in greater detail.
4. The INTC sends the user break interrupt request signal to the CPU, which begins user break
interrupt exception processing upon receipt. See Section 6.4, Interrupt Operation, for details on
interrupt exception processing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com