Electronic Components Datasheet Search
  English  ▼

X  

SH-2 Datasheet(PDF) 137 Page - Renesas Technology Corp

Part # SH-2
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2 Datasheet(HTML) 137 Page - Renesas Technology Corp

Back Button SH-2 Datasheet HTML 133Page - Renesas Technology Corp SH-2 Datasheet HTML 134Page - Renesas Technology Corp SH-2 Datasheet HTML 135Page - Renesas Technology Corp SH-2 Datasheet HTML 136Page - Renesas Technology Corp SH-2 Datasheet HTML 137Page - Renesas Technology Corp SH-2 Datasheet HTML 138Page - Renesas Technology Corp SH-2 Datasheet HTML 139Page - Renesas Technology Corp SH-2 Datasheet HTML 140Page - Renesas Technology Corp SH-2 Datasheet HTML 141Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 919 page
background image
111
7.4.2
Break on CPU Data Access Cycle
1. Register settings:
UBARH = H'0012
UBARL = H'3456
UBBR = H'006A
UBCR = H'0000
Conditions set:
Address: H'00123456
Bus cycle: CPU, data access, write, word
Interrupt requests enabled
A user break interrupt occurs when word data is written into address H'00123456.
2. Register settings:
UBARH = H'00A8
UBARL = H'0391
UBBR = H'0066
UBCR = H'0000
Conditions set:
Address: H'00A80391
Bus cycle: CPU, data access, read, word
Interrupt requests enabled
A user break interrupt does not occur because the word access was performed on an even
address.
7.4.3
Break on DMA Cycle
1. Register settings:
UBARH = H'0076
UBARL = H'BCDC
UBBR = H'00A7
UBCR = H'0000
Conditions set:
Address: H'0076BCDC
Bus cycle: DMA, data access, read, longword
Interrupt requests enabled
A user break interrupt occurs when longword data is read from address H'0076BCDC.
2. Register settings:
UBARH = H'0023
UBARL = H'45C8
UBBR = H'0094
UBCR = H'0000
Conditions set:
Address: H'002345C8
Bus cycle: DMA, instruction fetch, read
(operand size not included in conditions)
Interrupt requests enabled
A user break interrupt does not occur because no instruction fetch is performed in the DMA
cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com