Electronic Components Datasheet Search
  English  ▼

X  

SH-2 Datasheet(PDF) 141 Page - Renesas Technology Corp

Part # SH-2
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2 Datasheet(HTML) 141 Page - Renesas Technology Corp

Back Button SH-2 Datasheet HTML 137Page - Renesas Technology Corp SH-2 Datasheet HTML 138Page - Renesas Technology Corp SH-2 Datasheet HTML 139Page - Renesas Technology Corp SH-2 Datasheet HTML 140Page - Renesas Technology Corp SH-2 Datasheet HTML 141Page - Renesas Technology Corp SH-2 Datasheet HTML 142Page - Renesas Technology Corp SH-2 Datasheet HTML 143Page - Renesas Technology Corp SH-2 Datasheet HTML 144Page - Renesas Technology Corp SH-2 Datasheet HTML 145Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 919 page
background image
115
Section 8 Bus State Controller (BSC)
8.1
Overview
The bus state controller (BSC) divides up the address spaces and outputs control for various types
of memory. This enables memories like SRAM and ROM to be linked directly to the chip without
external circuitry, simplifying system design and enabling high-speed data transfer to be achieved
in a compact system.
8.1.1
Features
The BSC has the following features:
• Address space is divided into four spaces
 A maximum linear 2 Mbytes for on-chip ROM effective mode, and a maximum 4 Mbytes
for on-chip ROM disabled mode, for address space CS0
 A maximum linear 4 Mbytes for each of address spaces CS1 to CS3
 Bus width can be selected for each space (8 or 16 bits)
 Wait states can be inserted by software for each space
 Wait state insertion with WAIT pin in external memory space access
 Outputs control signals for each space according to the type of memory connected
• On-chip ROM and RAM interfaces
 On-chip ROM and RAM access of 32 bits in 1 state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com