Electronic Components Datasheet Search
  English  ▼

X  

SH-2 Datasheet(PDF) 139 Page - Renesas Technology Corp

Part # SH-2
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2 Datasheet(HTML) 139 Page - Renesas Technology Corp

Back Button SH-2 Datasheet HTML 135Page - Renesas Technology Corp SH-2 Datasheet HTML 136Page - Renesas Technology Corp SH-2 Datasheet HTML 137Page - Renesas Technology Corp SH-2 Datasheet HTML 138Page - Renesas Technology Corp SH-2 Datasheet HTML 139Page - Renesas Technology Corp SH-2 Datasheet HTML 140Page - Renesas Technology Corp SH-2 Datasheet HTML 141Page - Renesas Technology Corp SH-2 Datasheet HTML 142Page - Renesas Technology Corp SH-2 Datasheet HTML 143Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 919 page
background image
113
7.5.3
Contention between User Break and Exception Processing
If a user break is set for the fetch of a particular instruction, and exception processing with higher
priority than a user break is in contention and is accepted in the decode stage for that instruction
(or the next instruction), user break exception processing may not be performed after completion
of the higher-priority exception service routine (on return by RTE).
Thus, if a user break condition is applied to the branch destination instruction fetch after a branch
(BRA, BRAF, BT, BF, BT/S, BF/S, BSR, BSRF, JMP, JSR, RTS, RTE, exception processing),
and that branch instruction accepts exception processing with higher priority than a user break
interrupt, user break exception processing is not performed after completion of the higher-priority
exception service routine.
Therefore, a user break condition should not be set for the fetch of the branch destination
instruction after a branch.
7.5.4
Break at Non-Delay Branch Instruction Jump Destination
When a branch instruction with no delay slot (including exception processing) jumps to the jump
destination instruction on execution of the branch, a user break will not be generated even if a user
break condition has been set for the first jump destination instruction fetch.
7.5.5
User Break Trigger Output
Information on internal bus condition matches monitored by the UBC is output as
UBCTRG. The
trigger width can be set with clock select bits 1 and 0 (CKS1, CKS0) in the user break control
register (UBCR).
If a condition matches occurs again during trigger output, the
UBCTRG pin continues to output a
low level, and outputs a pulse of the length set in bits CKS1 and CKS0 from the cycle in which the
last condition match occurs.
The trigger output conditions differ from those in the case of a user break interrupt when a CPU
instruction fetch condition is satisfied. When a condition occurs in an overrun fetch instruction as
described in section 7.5.2, Instruction Fetch at Branches, a user break interrupt is not requested but
a trigger is output from the
UBCTRG pin.
In other CPU data accesses and DMAC bus cycles, pulse output is performed under conditions
similar to user break interrupt conditions.
Setting the user break interrupt disable (UBID) bit to 1 in UBCR enables trigger output to be
monitored externally without requesting a user break interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com