Electronic Components Datasheet Search
  English  ▼

X  

SH-2 Datasheet(PDF) 196 Page - Renesas Technology Corp

Part # SH-2
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2 Datasheet(HTML) 196 Page - Renesas Technology Corp

Back Button SH-2 Datasheet HTML 192Page - Renesas Technology Corp SH-2 Datasheet HTML 193Page - Renesas Technology Corp SH-2 Datasheet HTML 194Page - Renesas Technology Corp SH-2 Datasheet HTML 195Page - Renesas Technology Corp SH-2 Datasheet HTML 196Page - Renesas Technology Corp SH-2 Datasheet HTML 197Page - Renesas Technology Corp SH-2 Datasheet HTML 198Page - Renesas Technology Corp SH-2 Datasheet HTML 199Page - Renesas Technology Corp SH-2 Datasheet HTML 200Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 919 page
background image
170
Table 9.7
DMAC Internal Status
Item
Address Reload On
Address Reload Off
SAR2
H'FFFFF820
H'FFFFF824
DAR2
H'FFFF6004
H'FFFF6004
DMATCR2
H'0000007C
H'0000007C
Bus right
Released
Retained
DMAC operation
Halted
Processing continues
Interrupts
Not issued
Not issued
Transfer request source flag clear
Executed
Not executed
Notes: 1. Interrupts are executed until the DMATCR2 value becomes 0, and if the IE bit of
CHCR2 is set to 1, are issued regardless of whether address reload is on or off.
2. If transfer request source flag clears are executed until the DMATCR2 value becomes
0, they are executed regardless of whether address reload is on or off.
3. Designate burst mode when using the address reload function. There are cases where
abnormal operation will result if it is used in cycle-steal mode.
4. Designate a multiple of four for the DMATCR2 value when using the address reload
function. There are cases where abnormal operation will result if anything else is
designated.
To execute transfers after the fifth transfer when address reload is on, have the transfer request
source issue another transfer request signal.
9.4.3
Example of DMA Transfer between External Memory and SCI1 Transmitting Side
(Indirect Address On)
In this example, DMAC channel 3 is used, indirect address designated external memory is the
transfer source, and the SCI1 transmitting side is the transfer destination.
Table 9.8 indicates the transfer conditions and the set values of each of the registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com