Electronic Components Datasheet Search
  English  ▼

X  

SH-2 Datasheet(PDF) 199 Page - Renesas Technology Corp

Part # SH-2
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2 Datasheet(HTML) 199 Page - Renesas Technology Corp

Back Button SH-2 Datasheet HTML 195Page - Renesas Technology Corp SH-2 Datasheet HTML 196Page - Renesas Technology Corp SH-2 Datasheet HTML 197Page - Renesas Technology Corp SH-2 Datasheet HTML 198Page - Renesas Technology Corp SH-2 Datasheet HTML 199Page - Renesas Technology Corp SH-2 Datasheet HTML 200Page - Renesas Technology Corp SH-2 Datasheet HTML 201Page - Renesas Technology Corp SH-2 Datasheet HTML 202Page - Renesas Technology Corp SH-2 Datasheet HTML 203Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 919 page
background image
173
Section 10 Advanced Timer Unit-II (ATU-II)
10.1
Overview
The SH7052F/SH7053F/SH7054F has an on-chip advanced timer unit-II (ATU-II) with one 32-bit
timer channel and eleven 16-bit timer channels.
10.1.1
Features
ATU-II features are summarized below.
• Capability to process up to 63 pulse inputs and outputs
• Prescaler
 Input clock to channels 0 and 10 scaled in 1 stage, input clock to channels 1 to 8 and 11
scaled in 2 stages
 1/1 to 1/32 clock scaling possible in initial stage for all channels
 1/1, 1/2, 1/4, 1/8, 1/16, or 1/32 scaling possible in second stage for channels 1 to 8 and 11
 External clock TCLKA, TCLKB selection also possible for channels 1 to 5 and 11
• Channel 0 has four 32-bit input capture lines, allowing the following operations:
 Rising-edge, falling-edge, or both-edge detection selectable
 DMAC can be activated at capture timing
 Channel 10 compare-match signal can be captured as a trigger
 Interval interrupt generation function generates three interval interrupts as selected. CPU
interruption or A/D converter (AD0, 1) activation possible
 Capture interrupt and counter overflow interrupt can be generated
• Channel 1 has one 16-bit output compare register, eight general registers, and one dedicated
input capture register. The output compare register can also be selected for one-shot pulse
offset in combination with the channel 8 down-counter.
 General registers (GR1A to H) can be used as input capture or output compare registers
 Waveform output by means of compare-match: Selection of 0 output, 1 output, or toggle
output
 Input capture function: Rising-edge, falling-edge, or both-edge detection
 Channel 0 input signal (TI0A) can be captured as trigger
 Provision for forcible cutoff of channel 8 down-counters (DCNT8A to H)
 Compare-match interrupts/capture interrupts and counter overflow interrupts can be
generated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com