Electronic Components Datasheet Search
  English  ▼

X  

SH-2 Datasheet(PDF) 201 Page - Renesas Technology Corp

Part # SH-2
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2 Datasheet(HTML) 201 Page - Renesas Technology Corp

Back Button SH-2 Datasheet HTML 197Page - Renesas Technology Corp SH-2 Datasheet HTML 198Page - Renesas Technology Corp SH-2 Datasheet HTML 199Page - Renesas Technology Corp SH-2 Datasheet HTML 200Page - Renesas Technology Corp SH-2 Datasheet HTML 201Page - Renesas Technology Corp SH-2 Datasheet HTML 202Page - Renesas Technology Corp SH-2 Datasheet HTML 203Page - Renesas Technology Corp SH-2 Datasheet HTML 204Page - Renesas Technology Corp SH-2 Datasheet HTML 205Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 919 page
background image
175
• Channel 10 has a 32-bit output compare and input capture register, free-running counter, 16-bit
free-running counter, output compare/input capture register, reload register, 8-bit event
counter, and output compare register, and four 16-bit reload counters, allowing the following
operations:
 Capture on external input pin edge input
 Reload count possible with 32, 64, 128, or 256 times the captured value
 Internal clock generated by reload counter underflow can be used as 16-bit free-running
counter input
 Channel 1 and 2 free-running counter clearing capability
• Channel 11 has one 16-bit free-running counter and two 16-bit general registers, allowing the
following operations:
 Two general registers can be used for compare-match
 Compare-match signal can be output to APC
• High-speed access to internal 16-bit bus
 High-speed access to 16-bit bus for 16-bit registers: timer counters, compare registers, and
capture registers
• 75 interrupt sources
 Four input capture interrupt requests, one overflow interrupt request, and one interval
interrupt request for channel 0
 Sixteen dual input capture/compare-match interrupt requests and two counter overflow
interrupt requests for channels 1 and 2
 Twelve dual input capture/compare-match interrupt requests and three overflow interrupt
requests for channels 3 to 5
 Eight compare-match interrupts for channels 6 and 7
 Sixteen one-shot end interrupt requests for channel 8
 Six compare-match interrupts for channel 9
 Two compare-match interrupts and one dual-function input capture/compare-match
interrupt for channel 10
 Two dual input capture/compare-match interrupt requests and one overflow interrupt
request for channel 11
• Direct memory access controller (DMAC) activation
 The DMAC can be activated by a channel 0 input capture interrupt (ICI0A to D)
 The DMAC can be activated by a channel 6 cycle register 6 compare-match interrupt
(CMI6A to D)
 The DMAC can be activated by a channel 7 cycle register 7 compare-match interrupt
(CMI7A to D)
• A/D converter activation
 The A/D converter can be activated by detection of 1 in bits ITVA6 to 13 of the channel 0
interval interrupt request registers (ITVRR1, ITVRR2A, ITVRR2B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com