Electronic Components Datasheet Search
  English  ▼

X  

SH-2 Datasheet(PDF) 205 Page - Renesas Technology Corp

Part # SH-2
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2 Datasheet(HTML) 205 Page - Renesas Technology Corp

Back Button SH-2 Datasheet HTML 201Page - Renesas Technology Corp SH-2 Datasheet HTML 202Page - Renesas Technology Corp SH-2 Datasheet HTML 203Page - Renesas Technology Corp SH-2 Datasheet HTML 204Page - Renesas Technology Corp SH-2 Datasheet HTML 205Page - Renesas Technology Corp SH-2 Datasheet HTML 206Page - Renesas Technology Corp SH-2 Datasheet HTML 207Page - Renesas Technology Corp SH-2 Datasheet HTML 208Page - Renesas Technology Corp SH-2 Datasheet HTML 209Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 919 page
background image
179
Table 10.2
ATU-II Pins (cont)
Channel
Name
Abbreviation
I/O
Function
2
Input capture/output
compare 2A
TIO2A
Input/
output
GR2A output compare output/input
capture input
Input capture/output
compare 2B
TIO2B
Input/
output
GR2B output compare output/input
capture input
Input capture/output
compare 2C
TIO2C
Input/
output
GR2C output compare output/input
capture input
Input capture/output
compare 2D
TIO2D
Input/
output
GR2D output compare output/input
capture input
Input capture/output
compare 2E
TIO2E
Input/
output
GR2E output compare output/input
capture input
Input capture/output
compare 2F
TIO2F
Input/
output
GR2F output compare output/input
capture input
Input capture/output
compare 2G
TIO2G
Input/
output
GR2G output compare output/input
capture input
Input capture/output
compare 2H
TIO2H
Input/
output
GR2H output compare output/input
capture input
3
Input capture/output
compare 3A
TIO3A
Input/
output
GR3A output compare output/input
capture input/PWM output pin (PWM
mode)
Input capture/output
compare 3B
TIO3B
Input/
output
GR3B output compare output/input
capture input/PWM output pin (PWM
mode)
Input capture/output
compare 3C
TIO3C
Input/
output
GR3C output compare output/input
capture input/PWM output pin (PWM
mode)
Input capture/output
compare 3D
TIO3D
Input/
output
GR3D output compare output/input
capture input
4
Input capture/output
compare 4A
TIO4A
Input/
output
GR4A output compare output/input
capture input/PWM output pin (PWM
mode)
Input capture/output
compare 4B
TIO4B
Input/
output
GR4B output compare output/input
capture input/PWM output pin (PWM
mode)
Input capture/output
compare 4C
TIO4C
Input/
output
GR4C output compare output/input
capture input/PWM output pin (PWM
mode)
Input capture/output
compare 4D
TIO4D
Input/
output
GR4D output compare output/input
capture input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com