Electronic Components Datasheet Search
  English  ▼

X  

SH-2 Datasheet(PDF) 208 Page - Renesas Technology Corp

Part # SH-2
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2 Datasheet(HTML) 208 Page - Renesas Technology Corp

Back Button SH-2 Datasheet HTML 204Page - Renesas Technology Corp SH-2 Datasheet HTML 205Page - Renesas Technology Corp SH-2 Datasheet HTML 206Page - Renesas Technology Corp SH-2 Datasheet HTML 207Page - Renesas Technology Corp SH-2 Datasheet HTML 208Page - Renesas Technology Corp SH-2 Datasheet HTML 209Page - Renesas Technology Corp SH-2 Datasheet HTML 210Page - Renesas Technology Corp SH-2 Datasheet HTML 211Page - Renesas Technology Corp SH-2 Datasheet HTML 212Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 919 page
background image
182
10.1.3
Register Configuration
Table 10.3 summarizes the ATU-II registers.
Table 10.3
ATU-II Registers
Channel
Name
Abbrevia-
tion
R/W
Initial
Value
Address
Access Size (Bits)
Common Timer start register 1
TSTR1
R/W
H'00
H'FFFFF401
8, 16, 32
Timer start register 2
TSTR2
R/W
H'00
H'FFFFF400
Timer start register 3
TSTR3
R/W
H'00
H'FFFFF402
Prescaler register 1
PSCR1
W
H'00
H'FFFFF404
8
Prescaler register 2
PSCR2
W
H'00
H'FFFFF406
Prescaler register 3
PSCR3
W
H'00
H'FFFFF408
Prescaler register 4
PSCR4
W
H'00
H'FFFFF40A
0
Free-running counter
0H
TCNT0H
R/W
H'0000 H'FFFFF430
32
Free-running counter
0L
TCNT0L
R/W
H'0000
Input capture register
0AH
ICR0AH
R
H'0000 H'FFFFF434
Input capture register
0AL
ICR0AL
R
H'0000
Input capture register
0BH
ICR0BH
R
H'0000 H'FFFFF438
Input capture register
0BL
ICR0BL
R
H'0000
Input capture register
0CH
ICR0CH
R
H'0000 H'FFFFF43C
Input capture register
0CL
ICR0CL
R
H'0000
Input capture register
0DH
ICR0DH
R
H'0000 H'FFFFF420
Input capture register
0DL
ICR0DL
R
H'0000
Timer interval interrupt
request register 1
ITVRR1
R/W
H'00
H'FFFFF424
8
Timer interval interrupt
request register 2A
ITVRR2A
R/W
H'00
H'FFFFF426



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com