Electronic Components Datasheet Search
  English  ▼

X  

SH-2 Datasheet(PDF) 211 Page - Renesas Technology Corp

Part # SH-2
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2 Datasheet(HTML) 211 Page - Renesas Technology Corp

Back Button SH-2 Datasheet HTML 207Page - Renesas Technology Corp SH-2 Datasheet HTML 208Page - Renesas Technology Corp SH-2 Datasheet HTML 209Page - Renesas Technology Corp SH-2 Datasheet HTML 210Page - Renesas Technology Corp SH-2 Datasheet HTML 211Page - Renesas Technology Corp SH-2 Datasheet HTML 212Page - Renesas Technology Corp SH-2 Datasheet HTML 213Page - Renesas Technology Corp SH-2 Datasheet HTML 214Page - Renesas Technology Corp SH-2 Datasheet HTML 215Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 919 page
background image
185
Table 10.3
ATU-II Registers (cont)
Channel
Name
Abbrevia-
tion
R/W
Initial
Value
Address
Access Size (Bits)
2
Output compare
register 2G
OCR2G
R/W
H'FFFF H'FFFFF620
16
Output compare
register 2H
OCR2H
R/W
H'FFFF H'FFFFF622
Offset base register 2
OSBR2
R
H'0000 H'FFFFF624
Timer I/O control
register 2A
TIOR2A
R/W
H'00
H'FFFFF627
8, 16
Timer I/O control
register 2B
TIOR2B
R/W
H'00
H'FFFFF626
Timer I/O control
register 2C
TIOR2C
R/W
H'00
H'FFFFF629
Timer I/O control
register 2D
TIOR2D
R/W
H'00
H'FFFFF628
Timer control register
2A
TCR2A
R/W
H'00
H'FFFFF62B
Timer control register
2B
TCR2B
R/W
H'00
H'FFFFF62A
Timer status register
2A
TSR2A
R/(W)* H'0000 H'FFFFF62C 16
Timer status register
2B
TSR2B
R/(W)* H'0000 H'FFFFF62E
Timer interrupt enable
register 2A
TIER2A
R/W
H'0000 H'FFFFF630
Timer interrupt enable
register 2B
TIER2B
R/W
H'0000 H'FFFFF632
3 to 5
Timer status register 3
TSR3
R/(W)* H'0000 H'FFFFF480
16
Timer interrupt enable
register 3
TIER3
R/W
H'0000 H'FFFFF482
Timer mode register
TMDR
R/W
H'00
H'FFFFF484
8
3
Free-running counter 3 TCNT3
R/W
H'0000 H'FFFFF4A0 16
General register 3A
GR3A
R/W
H'FFFF H'FFFFF4A2
General register 3B
GR3B
R/W
H'FFFF H'FFFFF4A4
General register 3C
GR3C
R/W
H'FFFF H'FFFFF4A6
General register 3D
GR3D
R/W
H'FFFF H'FFFFF4A8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com