Electronic Components Datasheet Search
  English  ▼

X  

SH-2 Datasheet(PDF) 214 Page - Renesas Technology Corp

Part # SH-2
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2 Datasheet(HTML) 214 Page - Renesas Technology Corp

Back Button SH-2 Datasheet HTML 210Page - Renesas Technology Corp SH-2 Datasheet HTML 211Page - Renesas Technology Corp SH-2 Datasheet HTML 212Page - Renesas Technology Corp SH-2 Datasheet HTML 213Page - Renesas Technology Corp SH-2 Datasheet HTML 214Page - Renesas Technology Corp SH-2 Datasheet HTML 215Page - Renesas Technology Corp SH-2 Datasheet HTML 216Page - Renesas Technology Corp SH-2 Datasheet HTML 217Page - Renesas Technology Corp SH-2 Datasheet HTML 218Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 919 page
background image
188
Table 10.3
ATU-II Registers (cont)
Channel
Name
Abbrevia-
tion
R/W
Initial
Value
Address
Access Size (Bits)
7
Buffer register 7A
BFR7A
R/W
H'FFFF H'FFFFF590
16
Buffer register 7B
BFR7B
R/W
H'FFFF H'FFFFF592
Buffer register 7C
BFR7C
R/W
H'FFFF H'FFFFF594
Buffer register 7D
BFR7D
R/W
H'FFFF H'FFFFF596
Duty register 7A
DTR7A
R/W
H'FFFF H'FFFFF598
Duty register 7B
DTR7B
R/W
H'FFFF H'FFFFF59A
Duty register 7C
DTR7C
R/W
H'FFFF H'FFFFF59C
Duty register 7D
DTR7D
R/W
H'FFFF H'FFFFF59E
Timer control register
7A
TCR7A
R/W
H'00
H'FFFFF5A1 8, 16
Timer control register
7B
TCR7B
R/W
H'00
H'FFFFF5A0
Timer status register
7
TSR7
R/(W)* H'0000 H'FFFFF5A2 16
Timer interrupt enable
register 7
TIER7
R/W
H'0000 H'FFFFF5A4
8
Down-counter 8A
DCNT8A
R/W
H'0000 H'FFFFF640
16
Down-counter 8B
DCNT8B
R/W
H'0000 H'FFFFF642
Down-counter 8C
DCNT8C
R/W
H'0000 H'FFFFF644
Down-counter 8D
DCNT8D
R/W
H'0000 H'FFFFF646
Down-counter 8E
DCNT8E
R/W
H'0000 H'FFFFF648
Down-counter 8F
DCNT8F
R/W
H'0000 H'FFFFF64A
Down-counter 8G
DCNT8G
R/W
H'0000 H'FFFFF64C
Down-counter 8H
DCNT8H
R/W
H'0000 H'FFFFF64E
Down-counter 8I
DCNT8I
R/W
H'0000 H'FFFFF650
Down-counter 8J
DCNT8J
R/W
H'0000 H'FFFFF652
Down-counter 8K
DCNT8K
R/W
H'0000 H'FFFFF654
Down-counter 8L
DCNT8L
R/W
H'0000 H'FFFFF656
Down-counter 8M
DCNT8M
R/W
H'0000 H'FFFFF658
Down-counter 8N
DCNT8N
R/W
H'0000 H'FFFFF65A
Down-counter 8O
DCNT8O
R/W
H'0000 H'FFFFF65C
Down-counter 8P
DCNT8P
R/W
H'0000 H'FFFFF65E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com