Electronic Components Datasheet Search
  English  ▼

X  

SH-2 Datasheet(PDF) 217 Page - Renesas Technology Corp

Part # SH-2
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2 Datasheet(HTML) 217 Page - Renesas Technology Corp

Back Button SH-2 Datasheet HTML 213Page - Renesas Technology Corp SH-2 Datasheet HTML 214Page - Renesas Technology Corp SH-2 Datasheet HTML 215Page - Renesas Technology Corp SH-2 Datasheet HTML 216Page - Renesas Technology Corp SH-2 Datasheet HTML 217Page - Renesas Technology Corp SH-2 Datasheet HTML 218Page - Renesas Technology Corp SH-2 Datasheet HTML 219Page - Renesas Technology Corp SH-2 Datasheet HTML 220Page - Renesas Technology Corp SH-2 Datasheet HTML 221Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 919 page
background image
191
Table 10.3
ATU-II Registers (cont)
Channel
Name
Abbrevia-
tion
R/W
Initial
Value
Address
Access Size (Bits)
10
Correction counter
clear register 10
TCCLR10
R/W
H'0000 H'FFFFF6E6 16
Timer status register
10
TSR10
R/(W)* H'FFFF H'FFFFF6E8
Timer interrupt enable
register 10
TIER10
R/W
H'FFFF H'FFFFF6EA
11
Free-running counter
11
TCNT11
R/W
H'0000 H'FFFFF5C0 16
General register 11A
GR11A
R/W
H'FFFF H'FFFFF5C2
General register 11B
GR11B
R/W
H'FFFF H'FFFFF5C4
Timer I/O control
register 11
TIOR11
R/W
H'00
H'FFFFF5C6 8
Timer control register
11
TCR11
R/W
H'00
H'FFFFF5C8
Timer status register
11
TSR11
R/(W)* H'0000 H'FFFFF5CA 16
Timer interrupt enable
register 11
TIER11
R/W
H'0000 H'FFFFF5CC
Note: * 0 write after a read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com