Electronic Components Datasheet Search
  English  ▼

X  

SH-2 Datasheet(PDF) 216 Page - Renesas Technology Corp

Part # SH-2
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2 Datasheet(HTML) 216 Page - Renesas Technology Corp

Back Button SH-2 Datasheet HTML 212Page - Renesas Technology Corp SH-2 Datasheet HTML 213Page - Renesas Technology Corp SH-2 Datasheet HTML 214Page - Renesas Technology Corp SH-2 Datasheet HTML 215Page - Renesas Technology Corp SH-2 Datasheet HTML 216Page - Renesas Technology Corp SH-2 Datasheet HTML 217Page - Renesas Technology Corp SH-2 Datasheet HTML 218Page - Renesas Technology Corp SH-2 Datasheet HTML 219Page - Renesas Technology Corp SH-2 Datasheet HTML 220Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 919 page
background image
190
Table 10.3
ATU-II Registers (cont)
Channel
Name
Abbrevia-
tion
R/W
Initial
Value
Address
Access Size (Bits)
10
Free-running counter
10AH
TCNT10AH R/W
H'0000 H'FFFFF6C0 32
Free-running counter
10AL
TCNT10AL R/W
H'0001
Event counter 10B
TCNT10B
R/W
H'00
H'FFFFF6C4 8
Reload counter 10C
TCNT10C
R/W
H'0001 H'FFFFF6C6 16
Correction counter
10D
TCNT10D
R/W
H'00
H'FFFFF6C8 8
Correction angle
counter 10E
TCNT10E
R/W
H'0000 H'FFFFF6CA 16
Correction angle
counter 10F
TCNT10F
R/W
H'0001 H'FFFFF6CC
Free-running counter
10G
TCNT10G
R/W
H'0000 H'FFFFF6CE
Input capture register
10AH
ICR10AH
R
H'0000 H'FFFFF6D0 32
Input capture register
10AL
ICR10AL
R
H'0000
Output compare
register 10AH
OCR10AH R/W
H'FFFF H'FFFFF6D4
Output compare
register 10AL
OCR10AL
R/W
H'FFFF
Output compare
register 10B
OCR10B
R/W
H'FF
H'FFFFF6D8 8
Reload register 10C
RLD10C
R/W
H'0000 H'FFFFF6DA 16
General register 10G
GR10G
R/W
H'FFFF H'FFFFF6DC
Noise canceler
counter 10H
TCNT10H
R/W
H'00
H'FFFFF6DE 8
Noise canceler
register 10
NCR10
R/W
H'FF
H'FFFFF6E0
Timer I/O control
register 10
TIOR10
R/W
H'00
H'FFFFF6E2
Timer control register
10
TCR10
R/W
H'00
H'FFFFF6E4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com