Electronic Components Datasheet Search
  English  ▼

X  

SH-2 Datasheet(PDF) 207 Page - Renesas Technology Corp

Part # SH-2
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2 Datasheet(HTML) 207 Page - Renesas Technology Corp

Back Button SH-2 Datasheet HTML 203Page - Renesas Technology Corp SH-2 Datasheet HTML 204Page - Renesas Technology Corp SH-2 Datasheet HTML 205Page - Renesas Technology Corp SH-2 Datasheet HTML 206Page - Renesas Technology Corp SH-2 Datasheet HTML 207Page - Renesas Technology Corp SH-2 Datasheet HTML 208Page - Renesas Technology Corp SH-2 Datasheet HTML 209Page - Renesas Technology Corp SH-2 Datasheet HTML 210Page - Renesas Technology Corp SH-2 Datasheet HTML 211Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 919 page
background image
181
Table 10.2
ATU-II Pins (cont)
Channel
Name
Abbreviation
I/O
Function
8
One-shot pulse 8O
TO8O
Output
One-shot pulse output pin
One-shot pulse 8P
TO8P
Output
One-shot pulse output pin
9
Event input 9A
TI9A
Input
GR9A event input
Event input 9B
TI9B
Input
GR9B event input
Event input 9C
TI9C
Input
GR9C event input
Event input 9D
TI9D
Input
GR9D event input
Event input 9E
TI9E
Input
GR9E event input
Event input 9F
TI9F
Input
GR9F event input
10
Input capture
TI10
Input
ICR10AH, ICR10AL input capture
input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com