Electronic Components Datasheet Search
  English  ▼

X  

SH-2 Datasheet(PDF) 203 Page - Renesas Technology Corp

Part # SH-2
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2 Datasheet(HTML) 203 Page - Renesas Technology Corp

Back Button SH-2 Datasheet HTML 199Page - Renesas Technology Corp SH-2 Datasheet HTML 200Page - Renesas Technology Corp SH-2 Datasheet HTML 201Page - Renesas Technology Corp SH-2 Datasheet HTML 202Page - Renesas Technology Corp SH-2 Datasheet HTML 203Page - Renesas Technology Corp SH-2 Datasheet HTML 204Page - Renesas Technology Corp SH-2 Datasheet HTML 205Page - Renesas Technology Corp SH-2 Datasheet HTML 206Page - Renesas Technology Corp SH-2 Datasheet HTML 207Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 919 page
background image
177
Table 10.1
ATU-II Functions (cont)
Item
Channels 6, 7
Channel 8
Channel 9
Channel 10
Channel 11
Counter
configu-
ration
Clock
sources
(
φ to φ/32) ×
(1/2n)
(n = 0 to 5)
(
φ to φ/32) ×
(1/2n)
(n = 0 to 5)
(
φ to φ/32)
(φ to φ/32) ×
(1/2n)
(n = 0 to 5)
TCLKA, TCLKB
Counters
TCNT6A to D,
TCNT7A to D
DCNT8A to P
ECNT9A to F
TCNT10AH,
TCNT10AL,
TCNT10B to H
TCNT11
General
registers
————
GR11A, GR11B
Dedicated
input
capture
—
—
—
ICR10AH,
ICR10AL
—
Dedicated
output
compare
—
—
GR9A to F
GR10G
—
PWM
output
CYLR6A to D,
CYLR7A to D,
DTR6A to D,
DTR7A to D,
BFR6A to D,
BFR7A to D
————
Input pins
—
—
TI9A to F
TI10
—
I/O pins
—————
Output pins
TO6A to D,
TO7A to D
TO8A to P
—
—
—
Counter clearing
function
O—
OO—
Interrupt sources
8 sources
Compare-match
× 8
16 sources
Underflow
× 16
6 sources
Compare-match
× 6
3 sources
Compare-match
× 2, dual input
capture/compare-
match
× 1
3 sources
Compare-match
× 2, overflow × 1
Inter-channel and
inter-module
connection signals
DMAC activation
compare-match
signal output
Channel 1 and 2
compare-match
signal trigger
input to one-shot
pulse output
down-counter
Compare-match
signal channel 3
capture trigger
output
Compare-match
signal channel 0
capture trigger
output
Channel 1 and 2
counter clear
output
Compare-match
signal output to
APC
O: Available
—: Not available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com