Electronic Components Datasheet Search
  English  ▼

X  

SH-2 Datasheet(PDF) 230 Page - Renesas Technology Corp

Part # SH-2
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2 Datasheet(HTML) 230 Page - Renesas Technology Corp

Back Button SH-2 Datasheet HTML 226Page - Renesas Technology Corp SH-2 Datasheet HTML 227Page - Renesas Technology Corp SH-2 Datasheet HTML 228Page - Renesas Technology Corp SH-2 Datasheet HTML 229Page - Renesas Technology Corp SH-2 Datasheet HTML 230Page - Renesas Technology Corp SH-2 Datasheet HTML 231Page - Renesas Technology Corp SH-2 Datasheet HTML 232Page - Renesas Technology Corp SH-2 Datasheet HTML 233Page - Renesas Technology Corp SH-2 Datasheet HTML 234Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 919 page
background image
204
10.2
Register Descriptions
10.2.1
Timer Start Registers (TSTR)
The timer start registers (TSTR) are 8-bit registers. The ATU-II has three TSTR registers.
Channel
Abbreviation
Function
0, 1, 2, 3, 4, 5, 10
TSTR1
Free-running counter operation/stop setting
6, 7
TSTR2
11
TSTR3
Timer Start Register 1 (TSTR1)
Bit:
7
6
5
4
3
2
1
0
STR10
STR5
STR4
STR3
STR1B,
2B
STR2A
STR1A
STR0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
TSTR1 is an 8-bit readable/writable register that starts and stops the free-running counter (TCNT)
in channels 0 to 5 and 10.
TSTR1 is initialized to H'00 by a power-on reset, and in hardware standby mode and software
standby mode.
• Bit 7—Counter Start 10 (STR10): Starts and stops channel 10 counters (TCNT10A, 10C, 10D,
10E, 10F, and 10G). TCNT10B and 10H are not stopped.
Bit 7: STR10
Description
0
TCNT10 is halted
(Initial value)
1
TCNT10 counts
• Bit 6—Counter Start 5 (STR5): Starts and stops free-running counter 5 (TCNT5).
Bit 6: STR5
Description
0
TCNT5 is halted
(Initial value)
1
TCNT5 counts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com