Electronic Components Datasheet Search
  English  ▼

X  

SH-2 Datasheet(PDF) 233 Page - Renesas Technology Corp

Part # SH-2
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2 Datasheet(HTML) 233 Page - Renesas Technology Corp

Back Button SH-2 Datasheet HTML 229Page - Renesas Technology Corp SH-2 Datasheet HTML 230Page - Renesas Technology Corp SH-2 Datasheet HTML 231Page - Renesas Technology Corp SH-2 Datasheet HTML 232Page - Renesas Technology Corp SH-2 Datasheet HTML 233Page - Renesas Technology Corp SH-2 Datasheet HTML 234Page - Renesas Technology Corp SH-2 Datasheet HTML 235Page - Renesas Technology Corp SH-2 Datasheet HTML 236Page - Renesas Technology Corp SH-2 Datasheet HTML 237Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 919 page
background image
207
• Bit 3—Counter Start 6D (STR6D): Starts and stops free-running counter 6D (TCNT6D).
Bit 3: STR6D
Description
0
TCNT6D is halted
(Initial value)
1
TCNT6D counts
• Bit 2—Counter Start 6C (STR6C): Starts and stops free-running counter 6C (TCNT6C).
Bit 2: STR6C
Description
0
TCNT6C is halted
(Initial value)
1
TCNT6C counts
• Bit 1—Counter Start 6B (STR6B): Starts and stops free-running counter 6B (TCNT6B).
Bit 1: STR6B
Description
0
TCNT6B is halted
(Initial value)
1
TCNT6B counts
• Bit 0—Counter Start 6A (STR6A): Starts and stops free-running counter 6A (TCNT6A).
Bit 0: STR6A
Description
0
TCNT6A is halted
(Initial value)
1
TCNT6A counts
Timer Start Register 3 (TSTR3)
Bit:
7
6
5
4
3
2
1
0
——
——
———
STR11
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R
R
R
R/W
TSTR3 is an 8-bit readable/writable register that starts and stops the free-running counter
(TCNT11) in channel 11.
TSTR3 is initialized to H'00 by a power-on reset, and in hardware standby mode and software
standby mode.
• Bits 7 to 1—Reserved: These bits always read 0. The write value should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com