Electronic Components Datasheet Search
  English  ▼

X  

SH-2 Datasheet(PDF) 237 Page - Renesas Technology Corp

Part # SH-2
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2 Datasheet(HTML) 237 Page - Renesas Technology Corp

Back Button SH-2 Datasheet HTML 233Page - Renesas Technology Corp SH-2 Datasheet HTML 234Page - Renesas Technology Corp SH-2 Datasheet HTML 235Page - Renesas Technology Corp SH-2 Datasheet HTML 236Page - Renesas Technology Corp SH-2 Datasheet HTML 237Page - Renesas Technology Corp SH-2 Datasheet HTML 238Page - Renesas Technology Corp SH-2 Datasheet HTML 239Page - Renesas Technology Corp SH-2 Datasheet HTML 240Page - Renesas Technology Corp SH-2 Datasheet HTML 241Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 919 page
background image
211
Bit 3:
CKSELx3
Bit 2:
CKSELx2
Bit 1:
CKSELx1
Bit 0:
CKSELx0
Description
0000
Internal clock
φ": counting on φ'
(Initial value)
1
Internal clock
φ": counting on φ'/2
1
0
Internal clock
φ": counting on φ'/4
1
Internal clock
φ": counting on φ'/8
1
0
0
Internal clock
φ": counting on φ'/16
1
Internal clock
φ": counting on φ'/32
1
0
External clock: counting on TCLKA pin input
1
External clock: counting on TCLKB pin input
1000
Counting on TI10 pin input (AGCK)
1
Counting on multiplied (corrected)(AGCKM) TI10
pin input clock
1
*
Setting prohibited
1
**
Setting prohibited
x = A or B
*: Don’t care
Timer Control Registers 3 to 5 (TCR3, TCR4, TCR5)
Bit:
7
6
5
4
3
2
1
0
——
CKEG1
CKEG0 CKSEL3 CKSEL2 CKSEL1 CKSEL0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R/W
R/W
R/W
R/W
R/W
R/W
• Bits 7 and 6—Reserved: These bits always read 0. The write value should always be 0.
• Bits 5 and 4—Clock Edge 1 and 0 (CKEG1, CKEG0): These bits select the count edge(s) for
external clock TCLKA and TCLKB input.
Bit 5: CKEG1
Bit 4: CKEG0
Description
0
0
Rising edges counted
(Initial value)
1
Falling edges counted
1
0
Both rising and falling edges counted
1
Count disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com