Electronic Components Datasheet Search
  English  ▼

X  

SH-2 Datasheet(PDF) 239 Page - Renesas Technology Corp

Part # SH-2
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2 Datasheet(HTML) 239 Page - Renesas Technology Corp

Back Button SH-2 Datasheet HTML 235Page - Renesas Technology Corp SH-2 Datasheet HTML 236Page - Renesas Technology Corp SH-2 Datasheet HTML 237Page - Renesas Technology Corp SH-2 Datasheet HTML 238Page - Renesas Technology Corp SH-2 Datasheet HTML 239Page - Renesas Technology Corp SH-2 Datasheet HTML 240Page - Renesas Technology Corp SH-2 Datasheet HTML 241Page - Renesas Technology Corp SH-2 Datasheet HTML 242Page - Renesas Technology Corp SH-2 Datasheet HTML 243Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 919 page
background image
213
Timer Control Registers 6A, 6B, 7A, 7B (TCR6A, TCR6B, TCR7A, TCR7B)
TCR6A, TCR7A
Bit:
76543210
—
CKSELB2 CKSELB1 CKSELB0
—
CKSELA2 CKSELA1 CKSELA0
Initial value:
00000000
R/W:
R
R/W
R/W
R/W
R
R/W
R/W
R/W
TCR6B, TCR7B
Bit:
76543210
—
CKSELD2 CKSELD1 CKSELD0
—
CKSELC2 CKSELC1 CKSELC0
Initial value:
00000000
R/W:
R
R/W
R/W
R/W
R
R/W
R/W
R/W
• Bit 7—Reserved: This bit always reads 0. The write value should always be 0.
• Bits 6 to 4—Clock Select B2 to B0, D2 to D0 (CKSELB2 to CKSELB0, CKSELD2 to
CKSELD0): These bits select clock
φ", scaled from the internal clock source, from φ', φ'/2,
φ'/4, φ'/8, φ'/16, and φ'/32.
Bit 6:
CKSELx2
Bit 5:
CKSELx1
Bit 4:
CKSELx0
Description
0
0
0
Internal clock
φ": counting on φ'
(Initial value)
1
Internal clock
φ": counting on φ'/2
1
0
Internal clock
φ": counting on φ'/4
1
Internal clock
φ": counting on φ'/8
1
0
0
Internal clock
φ": counting on φ'/16
1
Internal clock
φ": counting on φ'/32
1
0
Setting prohibited
1
Setting prohibited
x = B or D
• Bit 3—Reserved: This bit always reads 0. The write value should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com