Electronic Components Datasheet Search
  English  ▼

X  

SH-2 Datasheet(PDF) 243 Page - Renesas Technology Corp

Part # SH-2
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2 Datasheet(HTML) 243 Page - Renesas Technology Corp

Back Button SH-2 Datasheet HTML 239Page - Renesas Technology Corp SH-2 Datasheet HTML 240Page - Renesas Technology Corp SH-2 Datasheet HTML 241Page - Renesas Technology Corp SH-2 Datasheet HTML 242Page - Renesas Technology Corp SH-2 Datasheet HTML 243Page - Renesas Technology Corp SH-2 Datasheet HTML 244Page - Renesas Technology Corp SH-2 Datasheet HTML 245Page - Renesas Technology Corp SH-2 Datasheet HTML 246Page - Renesas Technology Corp SH-2 Datasheet HTML 247Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 919 page
background image
217
• Bits 5 and 4—Edge Select B1, B0, D1, D0, F1, F0 (EGSELB1, EGSELB0, EGSELD1,
EGSELD0, EGSELF1, EGSELF0): These bits select the event counter counted edge(s).
Bit 5: EGSELx1
Bit 4: EGSELx0
Description
0
0
Count disabled
(Initial value)
1
Rising edges counted
1
0
Falling edges counted
1
Both rising and falling edges counted
x = B, D, or F
• Bit 3—Reserved: This bit always reads 0. The write value should always be 0.
• Bit 2—Trigger Channel 3AEN, 3CEN (TRG3AEN, TRG3CEN): These bits select the channel
9 event counter compare-match signal channel 3 input capture trigger.
Bit 2: TRG3xEN
Description
0
Channel 3 input capture trigger in event of channel 9 compare-match
(ECNT9x = GR9x) is disabled
(Initial value)
1
Channel 3 input capture trigger in event of channel 9 compare-match
(ECNT9x = GR9x) is enabled
x = A or C
• Bits 1 and 0—Edge Select A1, A0, C1, C0, E1, E0 (EGSELA1, EGSELA0, EGSELC1,
EGSELC0, EGSELE1, EGSELE0): These bits select the event counter counted edge(s).
Bit 1: EGSELx1
Bit 0: EGSELx0
Description
0
0
Count disabled
(Initial value)
1
Rising edges counted
1
0
Falling edges counted
1
Both rising and falling edges counted
x = A, C, or E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com