Electronic Components Datasheet Search
  English  ▼

X  

SH-2 Datasheet(PDF) 247 Page - Renesas Technology Corp

Part # SH-2
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2 Datasheet(HTML) 247 Page - Renesas Technology Corp

Back Button SH-2 Datasheet HTML 243Page - Renesas Technology Corp SH-2 Datasheet HTML 244Page - Renesas Technology Corp SH-2 Datasheet HTML 245Page - Renesas Technology Corp SH-2 Datasheet HTML 246Page - Renesas Technology Corp SH-2 Datasheet HTML 247Page - Renesas Technology Corp SH-2 Datasheet HTML 248Page - Renesas Technology Corp SH-2 Datasheet HTML 249Page - Renesas Technology Corp SH-2 Datasheet HTML 250Page - Renesas Technology Corp SH-2 Datasheet HTML 251Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 919 page
background image
221
Timer I/O Control Registers 1A to 1D (TIOR1A to TIOR1D)
TIOR1A
Bit:
7
6
5
4
3
2
1
0
—
IO1B2
IO1B1
IO1B0
—
IO1A2
IO1A1
IO1A0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R/W
R/W
R/W
R
R/W
R/W
R/W
TIOR1B
Bit:
7
6
5
4
3
2
1
0
—
IO1D2
IO1D1
IO1D0
—
IO1C2
IO1C1
IO1C0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R/W
R/W
R/W
R
R/W
R/W
R/W
TIOR1C
Bit:
7
6
5
4
3
2
1
0
—
IO1F2
IO1F1
IO1F0
—
IO1E2
IO1E1
IO1E0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R/W
R/W
R/W
R
R/W
R/W
R/W
TIOR1D
Bit:
7
6
5
4
3
2
1
0
—
IO1H2
IO1H1
IO1H0
—
IO1G2
IO1G1
IO1G0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R/W
R/W
R/W
R
R/W
R/W
R/W
Registers TIOR1A to TIOR1D specify whether general registers GR1A to GR1H are used as input
capture or compare-match registers, and also perform edge detection and output value setting.
Each TIOR is initialized to H'00 by a power-on reset, and in hardware standby mode and software
standby mode.
• Bit 7—Reserved: This bit always reads 0. The write value should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com