Electronic Components Datasheet Search
  English  ▼

X  

SH-2 Datasheet(PDF) 279 Page - Renesas Technology Corp

Part # SH-2
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2 Datasheet(HTML) 279 Page - Renesas Technology Corp

Back Button SH-2 Datasheet HTML 275Page - Renesas Technology Corp SH-2 Datasheet HTML 276Page - Renesas Technology Corp SH-2 Datasheet HTML 277Page - Renesas Technology Corp SH-2 Datasheet HTML 278Page - Renesas Technology Corp SH-2 Datasheet HTML 279Page - Renesas Technology Corp SH-2 Datasheet HTML 280Page - Renesas Technology Corp SH-2 Datasheet HTML 281Page - Renesas Technology Corp SH-2 Datasheet HTML 282Page - Renesas Technology Corp SH-2 Datasheet HTML 283Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 279 / 919 page
background image
253
• Bit 15—One-Shot Pulse Flag 8P (OSF8P): Status flag that indicates a DCNT8P one-shot
pulse.
Bit 15: OSF8P
Description
0
[Clearing condition]
(Initial value)
When OSF8P is read while set to 1, then 0 is written to OSF8P
1
[Setting condition]
When DCNT8P underflows
• Bit 14—One-Shot Pulse Flag 8O (OSF8O): Status flag that indicates a DCNT8O one-shot
pulse.
Bit 14: OSF8O
Description
0
[Clearing condition]
(Initial value)
When OSF8O is read while set to 1, then 0 is written to OSF8O
1
[Setting condition]
When DCNT8O underflows
• Bit 13—One-Shot Pulse Flag 8N (OSF8N): Status flag that indicates a DCNT8N one-shot
pulse.
Bit 13: OSF8N
Description
0
[Clearing condition]
(Initial value)
When OSF8N is read while set to 1, then 0 is written to OSF8N
1
[Setting condition]
When DCNT8N underflows
• Bit 12—One-Shot Pulse Flag 8M (OSF8M): Status flag that indicates a DCNT8M one-shot
pulse.
Bit 12: OSF8M
Description
0
[Clearing condition]
(Initial value)
When OSF8M is read while set to 1, then 0 is written to OSF8M
1
[Setting condition]
When DCNT8M underflows



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com