Electronic Components Datasheet Search
  English  ▼

X  

SH-2 Datasheet(PDF) 280 Page - Renesas Technology Corp

Part # SH-2
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2 Datasheet(HTML) 280 Page - Renesas Technology Corp

Back Button SH-2 Datasheet HTML 276Page - Renesas Technology Corp SH-2 Datasheet HTML 277Page - Renesas Technology Corp SH-2 Datasheet HTML 278Page - Renesas Technology Corp SH-2 Datasheet HTML 279Page - Renesas Technology Corp SH-2 Datasheet HTML 280Page - Renesas Technology Corp SH-2 Datasheet HTML 281Page - Renesas Technology Corp SH-2 Datasheet HTML 282Page - Renesas Technology Corp SH-2 Datasheet HTML 283Page - Renesas Technology Corp SH-2 Datasheet HTML 284Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 919 page
background image
254
• Bit 11—One-Shot Pulse Flag 8L (OSF8L): Status flag that indicates a DCNT8L one-shot
pulse.
Bit 11: OSF8L
Description
0
[Clearing condition]
(Initial value)
When OSF8L is read while set to 1, then 0 is written to OSF8L
1
[Setting condition]
When DCNT8L underflows
• Bit 10—One-Shot Pulse Flag 8K (OSF8K): Status flag that indicates a DCNT8K one-shot
pulse.
Bit 10: OSF8K
Description
0
[Clearing condition]
(Initial value)
When OSF8K is read while set to 1, then 0 is written to OSF8K
1
[Setting condition]
When DCNT8K underflows
• Bit 9—One-Shot Pulse Flag 8J (OSF8J): Status flag that indicates a DCNT8J one-shot pulse.
Bit 9: OSF8J
Description
0
[Clearing condition]
(Initial value)
When OSF8J is read while set to 1, then 0 is written to OSF8J
1
[Setting condition]
When DCNT8J underflows
• Bit 8—One-Shot Pulse Flag 8I (OSF8I): Status flag that indicates a DCNT8I one-shot pulse.
Bit 8: OSF8I
Description
0
[Clearing condition]
(Initial value)
When OSF8I is read while set to 1, then 0 is written to OSF8I
1
[Setting condition]
When DCNT8I underflows



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com