Electronic Components Datasheet Search
  English  ▼

X  

SH-2 Datasheet(PDF) 287 Page - Renesas Technology Corp

Part # SH-2
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2 Datasheet(HTML) 287 Page - Renesas Technology Corp

Back Button SH-2 Datasheet HTML 283Page - Renesas Technology Corp SH-2 Datasheet HTML 284Page - Renesas Technology Corp SH-2 Datasheet HTML 285Page - Renesas Technology Corp SH-2 Datasheet HTML 286Page - Renesas Technology Corp SH-2 Datasheet HTML 287Page - Renesas Technology Corp SH-2 Datasheet HTML 288Page - Renesas Technology Corp SH-2 Datasheet HTML 289Page - Renesas Technology Corp SH-2 Datasheet HTML 290Page - Renesas Technology Corp SH-2 Datasheet HTML 291Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 919 page
background image
261
Each TIER is initialized to H'0000 by a power-on reset, and in hardware standby mode and
software standby mode.
Timer Interrupt Enable Register 0 (TIER0)
TIER0 controls enabling/disabling of channel 0 input capture and overflow interrupt requests.
Bit:
15
14
13
12
11
10
9
8
——
——
———
—
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R
R
R
R
Bit:
7
6
5
4
3
2
1
0
——
—
OVE0
ICE0D
ICE0C
ICE0B
ICE0A
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R/W
R/W
R/W
R/W
R/W
• Bits 15 to 5—Reserved: These bits always read 0. The write value should always be 0.
• Bit 4—Overflow Interrupt Enable 0 (OVE0): Enables or disables interrupt requests by the
overflow flag (OVF0) in TSR0 when OVF0 is set to 1.
Bit 4: OVE0
Description
0
OVI0 interrupt requested by OVF0 is disabled
(Initial value)
1
OVI0 interrupt requested by OVF0 is enabled
• Bit 3—Input Capture Interrupt Enable 0D (ICE0D): Enables or disables interrupt requests by
the input capture flag (ICF0D) in TSR0 when ICF0D is set to 1. Setting the DMAC while
interrupt requests are enabled allows the DMAC to be activated by an interrupt request.
Bit 3: ICE0D
Description
0
ICI0D interrupt requested by ICF0D is disabled
(Initial value)
1
ICI0D interrupt requested by ICF0D is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com